Electronic Components Datasheet Search
  English  ▼

X  

2SA205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SA205
Description  General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2SA205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SA205 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR
2SA205 (MMBT4403)
General Purpose Amplifier
PNP
- 40V, - 0.5A
■ Features
● Collector current to 500mA
Units: mm
■ Schematic Diagram
SOT-23
■ Ordering Information
Type
Package Pin 1,2,3 Mark Shipping
H
2SA205H
SOT-23
E, B, C
TA5
3kpcs/Reel&Tape
2SA205S
TO-92
E, B, C
TA5
3kpcs/Reel&Tape
TO-92
■ Maximum ratings (Ta = 25℃)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Collector power 2SA205H
Pc
350
mW
dissipation
2SA205S
625
Junction Temperature
Tj
150
℃
S
Storage Temperature
Tstg
-55 to+150
℃
■ Electrical characteristics (Ta = 25℃)
Paramenter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
VCBO
-40
V
IC=0.1mA,IE=0
Collector-emitter breakdown voltage
VCEO
-40
V
IC=1.0mA,IB=0
Emitter-base breakdown voltage
VEBO
-5.0
V
IE=0.1A,IC=0
Collector cutoff current
ICBO
-0.1
µA
VCE=35V,VBE=0.4V
Emitter cutoff current
IBEX
-0.1
µA
VCE=35V,VEB=0.4V
Collector-emitter saturation voltage
VCE(   )
sat
-0.75
V
IC=-500mA,IB=-50mA
DC current transfer ratio
hFE
90
365
IC=-150mA,VCE=-2.0V
Transition frequency
fT
200
MHz
IE=50mA,VCE=-20V f=100MHz
Output capacitance
Cob
8.5
pF
VCB=10V,IE=0
f=140kHz
0.435±0.075
3.5±0.2
3.43Max
1.6Max
0 0.38
1.27TYP
0.465±0.085
4.55±0.15
2.54±0.1
2.9±0.1
0.425±0.075
1.9±0.2
3
1
2
0.1
0.6
1.2±0.
2
0∼0.15
HIROO
HIROO
E
B
C
3
1
2
1/1


Similar Part No. - 2SA205

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SA2050 FOSHAN-2SA2050 Datasheet
846Kb / 6P
Silicon PNP transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SA2050 ISC-2SA2050 Datasheet
264Kb / 2P
isc Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA2056 TOSHIBA-2SA2056 Datasheet
191Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2056 TOSHIBA-2SA2056 Datasheet
156Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
More results

Similar Description - 2SA205

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com