Electronic Components Datasheet Search
  English  ▼

X  

ALD-E070 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # ALD-E070
Description  50.4 WATT BUCK LED DRIVER with DALI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ALD-E070 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  ALD-E070 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ALD-E070 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V10
Specifications
ALD Derating Curve
All specifications are Typical at nominal line, full load and 25˚C unless otherwise noted
INPUT SPECIFICATIONS:
Input Voltage …....……..…... 1400mA/other ............ 11-40Vdc/11-50Vdc
Input Surge Voltage (1second) ……………………………..... 50Vdc max.
Input Filter ……………………………………………….………. Capacitor
Under Voltage Lockout ………… Power Up ……………….… 8.1Vdc typ.
Power Down ……………... 6.9Vdc typ.
OUTPUT SPECIFICATIONS:
Constant Current Accuracy ….. (note1) ..………..……..……… ±5% max.
Current Line Regulation …... (note2) ...……………..………±5% typ.
Current Load Regulation ……. (note3) ..……………..………. ±5% max.
Short Circuit Protection ………….. Constant Current with Auto Recovery
Start up Time …………………………………………………... 150ms max.
GENERAL SPECIFICATIONS:
Efficiency ……………………………….…………………………. See Table
Temperature Coefficient ………............………..…… ±0.05%/℃(0~50℃)
Isolation Voltage ……………………………………………. Non-Isolation
Switching Frequency … ………………………………. …….. 40-700KHz.
Operating Ambient Temperature ............ -40 ~ 80
see Derating Curve
℃
Case Temperature .......................................................... 100℃ max.
Cooling …………………………………………..……. Natural Convection
Storage Temperature ……...…………..………………........... -55 ~ 125℃
Operating Humidity …………………….… 10%~95%RH non-condensing
Operating Altitude …………….…………………..…. Sea Level to 3000m
Shock/Vibration ……………………………………...….… MIL-STD-810F
MTBF ……… MIL-HDBK-217F/25℃ …………………..…. 700Khrs typ.
-40. 0
8 0
70
55
50
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
A m b ie n t T e m p e r at u r e ( ℃ )
A L D- EXXX( L W )
350m A
500m A
700m A
1050m A
1400m A
75
75
-40.0
40
45 60
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Ambient Temperature(℃)
ALD-EXXXT
350mA
500mA
700mA
1050mA
1400mA
65
Dimensions ….…...... Other: 1.60x0.93x0.40 Inches(40.6x23.5x10.1mm)
NOTE:
T:2.354x1.339x0.646 Inches(59.80x34.01x16.40mm)
1. 3V<Vin-Vout<20Vdc to keep current accuracy.
Weight ………………….…… PIN/LW/T …………………… 20g/23g/30g
2. Current line regulation is measured from high line to low line.
Case Material ………………………………………………….. Plastic Case
3. Current load regulation is measured from high to low operating voltage.
DALI Control:
4. Suffix ”LW” to the model number with wire type.
Output Current Range ………… (Hybrid Dimming) ……..….. 1%-100%
5. Suffix ”T” to the model number with terminal type and only meets IP20
SAFETY AND EMISSIONS:
Terminal: WAGO 250-108 or equivalent; wire range: 16~20 AWG.
EMI ………...………………………............. EN55022/EN55015 Class B
6. Acceptable customer modifications.
EMS ………........................................ EN61547, EN61000-4-2, 3, 4, 5, 6
7. IP65 for model: ALD-EXXX、ALD-EXXXLW.
IP64 for model: ALD-EXXXT.
Mechanical Specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com