Electronic Components Datasheet Search
  English  ▼

X  

KDA Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # KDA
Description  N-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

KDA Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  KDA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd KDA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
Low On-Resistance
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
DC/DC Converters, High Speed Switching
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ.)
30
0.023 at VGS = 10 V
4.5
4.2 nC
0.027 at VGS = 4.5 V
4.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.5e
A
TC = 70 °C
4.0e
TA = 25 °C
4.1b, c
TA = 70 °C
3.6b, c
Pulsed Drain Current (t = 300 µs)
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.1
TA = 25 °C
1.1b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.5
W
TC = 70 °C
1.6
TA = 25 °C
1.3b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50
N-Channel 30 V (D-S) MOSFET
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
KDA
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
1


Similar Part No. - KDA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDA COOPER-KDA Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDA EATON-KDA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Leach International Cor...
KDA LEACH-KDA Datasheet
384Kb / 5P
RELAY – NONLATCH 3PST/NO AUX, 25 AMP
logo
Mean Well Enterprises C...
KDA-064 MEANWELL-KDA-064 Datasheet
196Kb / 4P
KNX to DALI Gateway
2017-09-27
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
More results

Similar Description - KDA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com