Electronic Components Datasheet Search
  English  ▼

X  

KDB Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # KDB
Description  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

KDB Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  KDB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd KDB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0369
12
15
V
GS - Gate-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
00.5
1.0
1.5
2.0
2.5
VGS =5Vthru3V
VGS =2.5 V
VGS =1.5 V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
VGS =2.5 V
VGS =1.8 V
VGS =4.5 V
I
D - Drain Current (A)
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Gate Charge
0369
12
15
V
GS - Gate-Source Voltage (V)
10
-10
10-9
10-8
10-6
10-4
10-7
10-5
T
J = 25 °C
T
J = 150 °C
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
2
4
6
8
0
5
10
15
20
25
ID =5A
VDS =5V
VDS =10V
VDS =16V
Q
g - Total Gate Charge (nC)
KDB
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com