Electronic Components Datasheet Search
  English  ▼

X  

EVC8 Datasheet(PDF) 3 Page - GREEGOO Electric Co.,Ltd

Part # EVC8
Description  Vacuum Contactors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

EVC8 Datasheet(HTML) 3 Page - GREEGOO Electric Co.,Ltd

  EVC8 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 3Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 4Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 5Page - GREEGOO Electric Co.,Ltd EVC8 Datasheet HTML 6Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
3
Vacuum Contactors
EVC8 Series
Tel: +86 577 62776000 Fax: +86 577 62776006
4 Rated technical data
4.1 Rated data see table 1
Name
Unit
Data
Main circuit
Rated working voltage (Ue)
kV
12
Rated working current (Ie)
A
800,1000,1250
Rated frequency (fr)
Hz
50
Rated making capacity (I)
A
10Ie
Rated breaking capacity (Ic)
KA
8Ie
Rated short time withstand current
A
10Ie
Rated peak withstand current
A
25I
Rated short time withstand duration
S
4
Power frequency
withstand voltage
Phase to
phase, phase
to ground
KV
42
Vacuum
breaks
KV
42
Lightning impulse withstand
voltage
KV
75
Control circuit
Rated voltage (Us)
V
AC.or DC.110/220
Rated
power
(Ps)
Electric holding
VA
≤
1000/100(attracting/holdi
ng)
Mechanical holding
≤
900/600(closing/opening)
Auxiliary circuit
Type
3a+3b
Rated value
380V/AC.5A , DC380V/1A
Power frequency withstand voltage phase to ground of
control circuit and auxiliary circuit
KV
2
Rated operating frequency
Long time
Time/h
300
Short time
600
Mechanical life
10000time
30
Electric life
10000time
10
Mechanical characteristics
Closing time
ms
≤200
Stationary opening
time
ms
≤160
(electric holding)
≤60
(mechanical holding)
Three phase
synchronism
ms
≤3
Closing jump
ms
≤10
Remarks: 1 rated control voltage can be made according to the requirement of the user’s;
2 for mechanical holding type, the interlock mechanism should be replaced every 300000 times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com