Electronic Components Datasheet Search
  English  ▼

X  

GD1024ZA2 Datasheet(PDF) 1 Page - GREEGOO Electric Co.,Ltd

Part # GD1024ZA2
Description  GD 10 to 40 Amps AC SSR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

GD1024ZA2 Datasheet(HTML) 1 Page - GREEGOO Electric Co.,Ltd

  GD1024ZA2 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd GD1024ZA2 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
1
Homepage://www.greegoo.com E-mail:peter@greegoo.com
Solid State Relays
GD 10 to 40 Amps AC SSR
Tel: +86 577 62776000 Fax: +86 577 62776006
Solid state relays (triacs output)
Series GD Solid State Relays are AC relays,Triac Output. The triac version of
the zero switching relay is an inexpensive solution for resistive loads. The zero
switching relay switches on when the AC sine voltage just crosses zero,and
switches off when the current crosses zero.
Features
▪Rated operational current 10 to 40 Amps.
▪Rated operational voltage 240V or 440 V.
▪Input Voltage Range 4 to 16 Vdc,3 to 32 Vdc or 90 to 250 Vac.
▪4000 Vrms Optical Isolation.(input/output)
▪Both “Zero Voltage” & phase controllable “Random Switching” versions.
▪LED-indication for control input.
Symbol
Meaning
G
Greegoo
D
Single phase
*
10-10A, 25-25A, 40-40A
*
24-240V,48-480V
*
Z-zero control, R-random control
*
D1-4-16Vdc, D3-3-32Vdc, A2-90-250Vac
For example:GD4048ZD3, single phase, 40A,480Vac,3-32Vdc control
Rated Voltage Control voltage
10 Amp
25Amp
40Amp
240 VAC “Z” 4 to 16 Vdc
GD1024ZD1 GD2524ZD1 GD4024ZD1
240 VAC “R” 4 to 16 Vdc
GD1024RD1 GD2524RD1 GD4024RD1
240 VAC “Z” 3 to 32 Vdc
GD1024ZD3 GD2524ZD3 GD4024ZD3
240 VAC “R” 3 to 32 Vdc
GD1024RD3 GD2524RD3 GD4024RD3
240 VAC “Z” 90 to 250Vac
GD1024ZA2 GD2524ZA2 GD4024ZA2
240 VAC “R” 90 to 250Vac
GD1024RA2 GD2524RA2 GD4024RA2
440 VAC “Z” 4 to 16 Vdc
GD1044ZD1 GD2544ZD1 GD4044ZD1
440 VAC “R” 4 to 16 Vdc
GD1044RD1 GD2544RD1 GD4044RD1
440 VAC “Z” 3 to 32 Vdc
GD1044ZD3 GD2544ZD3 GD4044ZD3
440 VAC “R” 3 to 32 Vdc
GD1044RD3 GD2544RD3 GD4044RD3
440 VAC “Z” 90 to 250Vac
GD1044ZA2 GD2544ZA2 GD4044ZA2
440 VAC “R” 90 to 250Vac
GD1044RA2 GD2544RA2 GD4044RA2
Rated Voltage Control voltage
10 Amp
25Amp
40Amp
280 VAC “Z” 4 to 16 Vdc
GD1028ZD1 GD2528ZD1 GD4028ZD1
280 VAC “R” 4 to 16 Vdc
GD1028RD1 GD2528RD1 GD4028RD1
280 VAC “Z” 3 to 32 Vdc
GD1028ZD3 GD2528ZD3 GD4028ZD3
280 VAC “R” 3 to 32 Vdc
GD1028RD3 GD2528RD3 GD4028RD3
280 VAC “Z” 90 to 250Vac
GD1028ZA2 GD2528ZA2 GD4028ZA2
280 VAC “R” 90 to 250Vac
GD1028RA2 GD2528RA2 GD4028RA2
480 VAC “Z” 4 to 16 Vdc
GD1048ZD1 GD2548ZD1 GD4048ZD1
480 VAC “R” 4 to 16 Vdc
GD1048RD1 GD2548RD1 GD4048RD1
480 VAC “Z” 3 to 32 Vdc
GD1048ZD3 GD2548ZD3 GD4048ZD3
480 VAC “R” 3 to 32 Vdc
GD1048RD3 GD2548RD3 GD4048RD3
480 VAC “Z” 90 to 250Vac
GD1048ZA2 GD2548ZA2 GD4048ZA2
480 VAC “R” 90 to 250Vac
GD1048RA2 GD2548RA2 GD4048RA2
Rated operational current
Rated operational current
Selection Guide


Similar Part No. - GD1024ZA2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD10 AVX-GD10 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
GD10 AVX-GD10 Datasheet
107Kb / 1P
Microwave SLCs
logo
StarPower Europe AG
GD1000HFA120C6S STARPOWER-GD1000HFA120C6S Datasheet
593Kb / 11P
1200V/1000A 2 in one-package
1/19/2024
GD1000HFA120C6S_B39 STARPOWER-GD1000HFA120C6S_B39 Datasheet
587Kb / 11P
1200V/1000A 2 in one-package
9/26/2024
GD1000HFX170P2S STARPOWER-GD1000HFX170P2S Datasheet
194Kb / 10P
1700V/1000A 2 in one-package
1/6/2019
More results

Similar Description - GD1024ZA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRMS ETC1-FRMS Datasheet
80Kb / 4P
AC Reversible Motor SSR
logo
celduc-relais
ST645000 CELDUC-ST645000 Datasheet
91Kb / 2P
AC BLINKING SSR
ST600700 CELDUC-ST600700 Datasheet
97Kb / 2P
AC BLINKING SSR
logo
PHOENIX CONTACT
1636512 PHOENIX-1636512 Datasheet
56Kb / 3P
Cable gland - KV-M-M50-GD-(10)
logo
GREEGOO Electric Co.,Lt...
GDH4028ZD1 GREEGOO-GDH4028ZD1 Datasheet
448Kb / 2P
GDH 40 to 120Amps AC SSR
GDH20028ZD1B GREEGOO-GDH20028ZD1B Datasheet
439Kb / 2P
GDH 200 to 400Amps AC SSR
GDH50024ZD1B GREEGOO-GDH50024ZD1B Datasheet
415Kb / 2P
GDH 500 to 1000Amps AC SSR
GM1024ZD1 GREEGOO-GM1024ZD1 Datasheet
437Kb / 2P
GM 10 to 40 Amps Dual SSR
GT1044ZD1 GREEGOO-GT1044ZD1 Datasheet
485Kb / 2P
GT 10 to 40 Amps AC SSR
GTH4048ZD1 GREEGOO-GTH4048ZD1 Datasheet
436Kb / 2P
GTH 40 to 120Amps AC SSR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com