Electronic Components Datasheet Search
  English  ▼

X  

GDF8053D Datasheet(PDF) 2 Page - GREEGOO Electric Co.,Ltd

Part # GDF8053D
Description  GDF Compound SSR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

GDF8053D Datasheet(HTML) 2 Page - GREEGOO Electric Co.,Ltd

  GDF8053D Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd GDF8053D Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
20
Homepage://www.greegoo.com E-mail:peter@greegoo.com
Solid State Relays
GDF Compound SSR
Tel: +86 577 62776000 Fax: +86 577 62776006
Specifications
PARAMETER
Units
Specification Limits
Model No. GDF
60A
80A
120A
250A
Input Parameter
Control Voltage
Vdc
12
Input Current (Max.)
mAdc
95
95
180
180
Display LED
yes
Output Parameter
Current Range Max
Arms
0.05 to 60
0.05 to 80
0.05 to 120 0.05 to 250
Surge Current, 20 mSec (Max.) Arms
600
1000
1500
2800
Working current of capacitor
Arms
<16
<21
<31
<63
Load Voltage Range (480V)
Vrms
48 to 480
SCR Over voltage (480V)
Vpk
1200
Load Voltage Range (530V)
Vrms
53 to 530
SCR Over voltage (530V)
Vpk
>1400
Frequency Range
Hz
47 to 63
Off State dv/dt (Min)
V/µsec
500
Off State Leakage Current (Max.) mArms
<8
<10
On State Voltage Drop (Max.)
Vrms
1.8
1.6
Thermal Resistance, (Rthjc)
℃/W
0.65
0.5
0.3
0.2
Turn On Time (Max.)
Cycle
1/2
Turn off delay-time (Max.)
mSec
40 to 100
Holding contact connect delay-time
mSec
40 to 100
Holding contact resistance (Max.)
mΩ
50
50
30
30
Coupling Specifications
Dielectric (Input/Output)
Vrms
1500
Dielectric (Input-Output/Base)
Vrms
2500
Capacitance
pf
10
General Specifications
Weight: ( typical)
g
300
390
Mounting Dimensions: LxWxH
mm
94x34x64.7
94x34x87
Ambient temperature range: operating or Storage
-30℃to +80 ℃
Case Color: Black



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com