Electronic Components Datasheet Search
  English  ▼

X  

LL3303 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # LL3303
Description  N-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LL3303 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  LL3303 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd LL3303 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 30 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedc
•100 % Rg and UIS Tested
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. When mounted on 1" square PCB (FR-4 material).
c. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
30
RDS(on) () at VGS = 10 V
0.019
RDS(on) () at VGS = 4.5 V
0.021
ID (A)
7
Configuration
Single
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
7
A
TC = 125 °C
4.5
Continuous Source Current (Diode Conduction)
IS
5
Pulsed Drain Currenta
IDM
31
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipationa
TC = 25 °C
PD
4
W
TC = 125 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountb
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
38
N-Channel MOSFET
G
D
S
SOT-223
G
D
S
D
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
LL3303
1


Similar Part No. - LL3303

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LL3303AF100QG E-SWITCH-LL3303AF100QG Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
LL3303AF160QG E-SWITCH-LL3303AF160QG Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
LL3303AF260QG E-SWITCH-LL3303AF260QG Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
More results

Similar Description - LL3303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com