Electronic Components Datasheet Search
  English  ▼

X  

LU014 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # LU014
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LU014 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  LU014 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd LU014 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 60 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Power Supply
- Secondary Synchronous Rectification
•
DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
60
0.0
3 at V
GS = 10 V
5d
21.7
0.0
at VGS = 4.5 V
0d
Notes:
a. Duty cycle
≤ 1 %.
b. See SOA curve for voltage derating.
c. When mounted on 1" square PCB (FR-4 material).
d. Package limited.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
d
A
TC = 70 °C
d
Pulsed Drain Current
IDM
100
Avalanche Current
IAS
40
Single Avalanche Energya
L = 0.1 mH
EAS
80
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
59.5b
W
TA = 25 °C
c
2.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
46
°C/W
Junction-to-Case (Drain)
RthJC
2.1
D
G
S
N-Channel MOSFET
3
3
3
3
5
30
TO-251
S
D
G
Top View
2
7
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
LU014
1


Similar Part No. - LU014

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LU014N VBSEMI-LU014N Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - LU014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com