Electronic Components Datasheet Search
  English  ▼

X  

CFM300S Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM300S
Description  300 WATT AC-DC POWER SUPPLY WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM300S Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM300S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM300S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM300S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V11
3
Mechanical Specification
All Dimensions in Inches[mm]
Tolerance Inches:x.xxx±0.02
Millimeters:x.xx±0.5
CN1
ACL 1
2
ACN 3
1
0.402[10.20]
4.551[115.60]
cross sectional view A
scale 1 : 1
5.354[136.00]
+Vo
-Vo
2
3
4
5
6
VR
A
1
CN5
2
3
4
CN4
Air flow
direction
10CFM
FAN
4.551[115.60]
5.000[127.00]
0.224[5.70]
CN1
ACL
PE
1
2
ACN 3
PE
Air flow
direction
10CFM
+Vo
1
PE
VR
CN5
-Vo
2
3
4
CN4
1
2
3
4
5
6
Pin
Function
ACL
CN1:
1
-
ACN
2
3
Pin
Function
FAN Output-
CN4:
1
FAN Output+
GND
2
3
+5VSB
GND
PS-ON
4
5
6
Pin
Function
GND
CN5:
1
PG
-Sense
2
3
+Sense
4
PIN CONNECTION
PIN CONNECTION
PIN CONNECTION
CFM300SXXX
CFM300SXXX-C
FAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com