Electronic Components Datasheet Search
  English  ▼

X  

DLD Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # DLD
Description  57 WATT BUCK LED DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

DLD Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  DLD Datasheet HTML 1Page - CINCON ELECTRONICS Corporation DLD Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V11
1
DLD SERIES
57 WATT
BUCK LED DRIVER
Features
* LED Driver Current up to 1400mA
* Constant Current Output
* Digital PWM Dimming
* Analog Dimming Control
* High Efficiency up to 96%
* Continuous Short Circuit Protection
* DIP16 Package and Wired Version
* High Reliability
* IP67 Protection
Note:
1. 3V< Vin - Vout <30Vdc, to keep current accuracy. Nominal Input Voltage: 48Vdc, 28Vdc (C140 models)
2. Ripple and Noise are measured at rated current, Nominal Input and 36Vdc or 24Vdc (C140 models) output
and 20MHz bandwidth with a 0.1uF ceramic capacitor.
3. Measured at rated current, Nominal Input and 36Vdc or 24Vdc (C140 models) output.
4. Acceptable customer modifications.
Output Current (%)
50
100
10
1.0
1.25
2.0
3.0
4.0
5.0
Output Current (%)
50
100
10
1.0
2.0
3.0
4.0
5.0
DLD-C140
Others
Dimming Controlled by Analog Voltage
MODEL
INPUT
VOLTAGE
RANGE
OUTPUT
OPERATING
VOLTAGE
OUTPUT
RATED
CURRENT
OUTPUT
RATED
POWER
RIPPLE &
NOISE (Max.)
NOTE2
%EFF.
(Typ.)
NOTE3
DLD-C035
4.5-60 VDC
2-57 VDC
350 mA
20 W
300 mVpp
96%
DLD-C070
4.5-60 VDC
2-57 VDC
700 mA
40 W
500 mVpp
96%
DLD-C100
4.5-60 VDC
2-57 VDC
1000 mA
57 W
500 mVpp
96%
DLD-C140
10-36 VDC
8-33 VDC
1400 mA
46.2 W
500 mVpp
96%


Similar Part No. - DLD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
Zero Insertion Force
DLD ITT-DLD Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
logo
Crydom Inc.,
DLD CRYDOM-DLD Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
ITT Industries
DLD ITT-DLD Datasheet
90Kb / 2P
ZIF Connectors
DLD1 ITT-DLD1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - DLD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
1.2 A Buck LED Driver
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
60V Buck LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
BUCK DIMMABLE LED DRIVER
Rev 2
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
CINCON ELECTRONICS Corp...
ALD CINCON-ALD Datasheet
1Mb / 2P
50.4 WATT BUCK LED DRIVER with DALI
ALD-E CINCON-ALD-E Datasheet
285Kb / 2P
50.4 WATT BUCK LED DRIVER with DALI
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com