Electronic Components Datasheet Search
  English  ▼

X  

DLD-C070 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # DLD-C070
Description  57 WATT BUCK LED DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

DLD-C070 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  DLD-C070 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation DLD-C070 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
Specifications
DLD Derating Curve
All specifications are Typical at nominal line , full load and 25˚C unless otherwise noted
INPUT SPECIFICATIONS:
Input Voltage …....…..…... 1400mA/others ......... 10-36VDC/4.5-60Vdc
Input Surge Voltage (1second) … 1400mA/others ... 50Vdc/65Vdc max.
Input Filter …………………………………………….…………. Capacitor
Under Voltage Lockout …………… Power up ….… 8.0Vdc/4.0Vdc typ.
Power down …. 6.9Vdc/3.7Vdc typ.
OUTPUT SPECIFICATIONS:
Constant Current Accuracy .... (note1) ……….…..…….………±5% max.
Current Line Regulation …….. (note2) …..…………..………. ±5% max.
Current Load Regulation …..… (note3) ……………..………. ±5% max.
Short Circuit Protection ……….. Constant Current with Auto Recovery
Start up time …………………………………………………... 60ms max.
GENERAL SPECIFICATIONS:
Efficiency ……………………………….………………………. See Table
Temperature Coefficient ……….................…......……..…… ±0.05%/℃
-40.0
60.0
60.0
60.0
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Ambient Temperature(℃)
350mA
700mA
1000mA
1400mA
Isolation Voltage ……………………………………………. Non-isolation
PWM DIMMING: (leave open if not used)
Switching Frequency … 1400mA/Others ….. 50-500KHz/ 300KHz typ.
Input Voltage Range ……….….……. TTL Logic Compatibility 5Vdc typ.
Operating Ambient Temperature ........... -40 ~ 85
see Derating Curve
℃
Threshold Voltage …….…. Module on >1.75Vdc, Module off <0.5Vdc
Case Temperature ............................................................... 100℃ max.
Switching Frequency ............................................................ 1KHz max.
Cooling …………………………………………..……. Natural Convection
Output Current Range ...................................................... 10% to 100%
Storage Temperature ……...….....……..……………........... -55 ~ 125℃
Minimum On Time …………………….………………………….... 100ns
Operating Humidity ……...………...……. 10%~95%RH non-condensing
ANALOGUE DIMMING: (leave open if not used)
Operating Altitude ………….………..……………… Sea Level to 3000m
Control Voltage Range ……………….. 1.25-5Vdc/1-5Vdc (DLD-C140)
Vibration …….… 0~500Hz, 2G 60min./1cycle, period for 3hours, 3 axes
Analogue Pin Drive Current ………………….……………… 0.4mA max.
Shock ………………………….….………… 30g peak, half sine, 6 axes
SAFETY AND EMISSIONS:
MTBF, L-HDBK-217F (25
)
℃ …………………………………..…. >1.6Mhrs
EMI …………………………………............ EN55022/EN55015 Class B
Dimensions ………......….. 1.28x0.66x0.40 Inches(32.5x16.8x10.2 mm)
EMS ………........................................... EN61547,EN61000-4-2,3,4,5,6
Weight ………………..……………..…………………………………… 18g.
NOTE:
Case Material ……………………………………………….. Plastic Case
1. 3V<Vin-Vout <30Vdc to keep current accuracy.
2. Current line regulation is measured from High Line to Low Line.
3. Current load regulation is measured from high to low operating
voltage.
4. Acceptable customer modifications.
Mechanical Specification
TOP View
TOP View
Bottom View
Bottom View
3 4
12
13
24
22
1
2 3 4
24 23 22
11
PWM/ON/OFF
4
+V Output
-V Output
Analogue DIMming
-V Input
DLD-CXXXLW
22(Brown)
13(Yellow)
12(Blue)
3(White)
1(Black)
22
13&14
11&12
3
1&2
DLD-CXXX
DLD Connections
4(Green)
23&24 24(Red)
+V Input
DLD-LW
DLD-L
All Dimensions In Inches(mm)
Tolerance
Inches:x.xx=±0.02, x.xxx=±0.010
Millimeters:x.x=±0.5, x.xx=±0.25
NOTE:Pin Size is 0.020"Inch (0.5mm) DIA ±0.05
1.28[32.5]
1
0.020[0.50] 11pl.
0.09[2.28]
0.100[2.54]
1.100[27.94]
12
1.28[32.5]
14 13
Function
Vref/NP
NP: No Pin for DLD-C140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com