Electronic Components Datasheet Search
  English  ▼

X  

565800 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 565800
Description  Hinge cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

565800 Datasheet(HTML) 1 Page - Festo Corporation.

  565800 Datasheet HTML 1Page - Festo Corporation. 565800 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hinge cylinder
DW-80-100-Y-A-G
Part number: 565800
Data sheet
Feature
Value
Stroke
100 mm
Piston diameter
80 mm
Piston rod thread
M20x1.5
Wide rod clevis/swivel mounting
28 mm
Type code
DW
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Design
Swivel mounting on bearing cap
Piston rod with rod clevis
Cylinder barrel
Piston
Velocity control
Integrated flow control at both ends
Position sensing
For proximity sensor
Piston rod end
External thread with rod clevis
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
1.8 J
Cushioning length
30 mm
Theoretical force at 6 bar, retracting
2721 N
Theoretical force at 6 bar, advancing
3016 N
Moving mass at 0 mm stroke
1651 g
Additional weight per 10 mm stroke
65 g
Basic weight with 0 mm stroke
4185 g
Additional moving mass per 10 mm stroke
39 g
Alternative connections
See product drawing
Type of mounting
With accessories
With swivel mounting on bearing cap
Pneumatic connection
G3/8
Rod clevis material
Tempered steel
Cast steel
Note on materials
RoHS-compliant
Scraper material
Bronze
11/24/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 565800

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565801 FESTO-565801 Datasheet
87Kb / 2P
Hinge cylinder
565803 FESTO-565803 Datasheet
83Kb / 2P
Hinge cylinder
565804 FESTO-565804 Datasheet
84Kb / 2P
Hinge cylinder
565805 FESTO-565805 Datasheet
83Kb / 2P
Hinge cylinder
More results

Similar Description - 565800

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
DWA-50-125-Y-AB-G FESTO-DWA-50-125-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com