Electronic Components Datasheet Search
  English  ▼

X  

SN74LS76A Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS76A
Description  LOW POWER SCHOTTKY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS76A Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS76A Datasheet HTML 1Page - ON Semiconductor SN74LS76A Datasheet HTML 2Page - ON Semiconductor SN74LS76A Datasheet HTML 3Page - ON Semiconductor SN74LS76A Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS76A/D
SN74LS76A
Dual JK Flip-Flop
with Set and Clear
The SN74LS76A offers individual J, K, Clock Pulse, Direct Set and
Direct Clear inputs. These dual flip-flops are designed so that when
the clock goes HIGH, the inputs are enabled and data will be accepted.
The Logic Level of the J and K inputs will perform according to the
Truth Table as long as minimum set-up times are observed. Input data
is transferred to the outputs on the HIGH-to-LOW clock transitions.
MODE SELECT – TRUTH TABLE
OPERATING
INPUTS
OUTPUTS
MODE
SD
CD
J
K
Q
Q
Set
Reset (Clear)
*Undetermined
Toggle
Load “0” (Reset)
Load “1” (Set)
Hold
L
H
L
H
H
H
H
H
L
L
H
H
H
H
X
X
X
h
l
h
l
X
X
X
h
h
l
l
H
L
H
q
L
H
q
L
H
H
q
H
L
q
*
Both outputs will be HIGH while both SD and CD are LOW, but the output
states are unpredictable if SD and CD go HIGH simultaneously.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Immaterial
l, h (q) = Lower case letters indicate the state of the referenced input
i, h (q) = (or output) one setup time prior to the HIGH–to–LOW clock transition
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS76AN
16 Pin DIP
2000 Units/Box
SN74LS76AD
16 Pin
http://onsemi.com
2500/Tape & Reel
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS76A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS76A TI-SN74LS76A Datasheet
531Kb / 13P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A Datasheet
54Kb / 4P
Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
logo
Texas Instruments
SN74LS76A TI2-SN74LS76A Datasheet
420Kb / 13P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
REVISED MARCH 1988
SN74LS76AD TI-SN74LS76AD Datasheet
531Kb / 13P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
ON Semiconductor
SN74LS76AD ONSEMI-SN74LS76AD Datasheet
54Kb / 4P
Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
More results

Similar Description - SN74LS76A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com