Electronic Components Datasheet Search
  English  ▼

X  

09200035407 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035407
Description  Cover grey / No rivet Protection cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035407 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035407 Datasheet HTML 1Page - HARTING Technology Group 09200035407 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5407
Cover grey / No rivet
Cover grey / No rivet
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 003 5407
Specification
Cover grey / No rivet
HARTING eCatalogue
https://b2b.harting.com/09200035407
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for bulkhead mounted housings
for surface mounted housings
Thermoplastic
Version
Locking type
Single locking lever
Size
3 A
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted male insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material flammability class acc. to UL 94
V-0
RoHS
compliant
ELV status
compliant
Page 1 / 2 | Creation date 2020-07-21 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035407

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035408 HARTING-09200035408 Datasheet
451Kb / 2P
Han 3A-AK-Dichtung,Kappe o. glatt
09200035409 HARTING-09200035409 Datasheet
533Kb / 2P
Han 3A-AK-DICHTUNG SCHWARZ
2021-12-04
More results

Similar Description - 09200035407

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-30-010-5425 HARTING-09-30-010-5425 Datasheet
463Kb / 2P
Han 10B-Protection Cover Protection cover
09-40-016-5483 HARTING-09-40-016-5483 Datasheet
611Kb / 2P
Han 16HPR-cover-CL-cord Protection cover
09-40-006-5401 HARTING-09-40-006-5401 Datasheet
475Kb / 2P
Han 6HPR Cover Toggle Locking Protection cover
09-40-006-5411 HARTING-09-40-006-5411 Datasheet
475Kb / 2P
Han 6HPR Cover Screw Locking Protection cover
logo
FIBOX Enclosing innovat...
4810000 FIBOX-4810000 Datasheet
159Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810001 FIBOX-4810001 Datasheet
237Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810002 FIBOX-4810002 Datasheet
171Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4812000 FIBOX-4812000 Datasheet
234Kb / 2P
Hinged ABS enclosure with grey cover
01.08.2023
8522001 FIBOX-8522001 Datasheet
37Kb / 1P
Cover screw, grey, polyamide
11.08.2023
8522002 FIBOX-8522002 Datasheet
48Kb / 1P
Cover screw, grey, polyamide
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com