Electronic Components Datasheet Search
  English  ▼

X  

09200035421 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035421
Description  Han 3A Protect Cover, 1 Lever, Die Cast
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035421 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035421 Datasheet HTML 1Page - HARTING Technology Group 09200035421 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5421
Han 3A Protect Cover, 1 Lever, Die Cast
Han 3A Protect Cover, 1 Lever, Die Cast
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 003 5421
Specification
Han 3A Protect Cover, 1 Lever, Die Cast
HARTING eCatalogue
https://b2b.harting.com/09200035421
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for hoods
Metal
With fixing cord
With seal
Version
Locking type
Single locking lever
Size
3 A
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted female insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP65 / IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
12
Material properties
Material (seal)
NBR
Material (locking)
Steel
Surface (locking)
Zinc plated
Page 1 / 2 | Creation date 2020-11-07 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035421

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035422 HARTING-09200035422 Datasheet
495Kb / 2P
Han 3A Protect Cover Die Cast for Hood P
09200035425 HARTING-09200035425 Datasheet
463Kb / 2P
Han 3A Protect Cover, Sealing Die Cast f Protection cover
logo
List of Unclassifed Man...
09200035426 ETC2-09200035426 Datasheet
94Kb / 1P
Han 3A-AK Metallabdeckkappe
logo
HARTING Technology Grou...
09200035426 HARTING-09200035426 Datasheet
462Kb / 2P
Han 3A-AK Protection cover
09200035427 HARTING-09200035427 Datasheet
451Kb / 2P
Han 3A Protect Cover
More results

Similar Description - 09200035421

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-003-5422 HARTING-09-20-003-5422 Datasheet
495Kb / 2P
Han 3A Protect Cover Die Cast for Hood P
09-20-003-5425 HARTING-09-20-003-5425 Datasheet
463Kb / 2P
Han 3A Protect Cover, Sealing Die Cast f Protection cover
09-30-006-5425 HARTING-09-30-006-5425 Datasheet
454Kb / 2P
Han B Protect Cover Die Cast for Base
09-30-010-5423 HARTING-09-30-010-5423 Datasheet
480Kb / 2P
Han 10B Protect Cover Die Cast
09-30-024-5425 HARTING-09-30-024-5425 Datasheet
457Kb / 2P
Han B Protect Cover Die Cast for Base
09-30-032-5427 HARTING-09-30-032-5427 Datasheet
531Kb / 2P
Han B Protect Cover Die Cast for Bases
09-36-003-5405 HARTING-09-36-003-5405 Datasheet
509Kb / 2P
Han U Protect Cover Die Cast for Base
11-30-016-5422 HARTING-11-30-016-5422 Datasheet
516Kb / 2P
Han B Protect Cover Die Cast (Easy hood)
09-30-032-5420 HARTING-09-30-032-5420 Datasheet
558Kb / 2P
Han B Protect Cover Die Cast for Hoods
2021-10-01
09-30-032-5425 HARTING-09-30-032-5425 Datasheet
600Kb / 2P
Han B Protect Cover Die Cast for Bases
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com