Electronic Components Datasheet Search
  English  ▼

X  

09200035441 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035441
Description  Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035441 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035441 Datasheet HTML 1Page - HARTING Technology Group 09200035441 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5441
Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 003 5441
Specification
Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
HARTING eCatalogue
https://b2b.harting.com/09200035441
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for hoods
Thermoplastic
With fixing cord
With seal
Version
Locking type
Single locking lever
Size
3 A
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted female insert or for mounted Han-Brid® insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (seal)
NBR
Material (locking)
Polyamide (PA)
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035441

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035442 HARTING-09200035442 Datasheet
467Kb / 2P
Han 3A-C/P-f.Hood--DL-grey-w.cord
09200035445 HARTING-09200035445 Datasheet
457Kb / 2P
Han 3A Thermopl. Cover, Sealing for Base
09200035446 HARTING-09200035446 Datasheet
456Kb / 2P
Han 3A-AK (KUNSTSTOFF
09200035447 HARTING-09200035447 Datasheet
460Kb / 2P
Han 3A-AK-Dichtung (Kunstst.)
09200035448 HARTING-09200035448 Datasheet
459Kb / 2P
Han 3A-AK-Dichtung (Kunstst.)
More results

Similar Description - 09200035441

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-003-0120 HARTING-09-20-003-0120 Datasheet
459Kb / 2P
Han 3A-HSI/P-DL-1Pg13,5-grey
09-20-003-0220 HARTING-09-20-003-0220 Datasheet
452Kb / 2P
Han 3A-HSM/P-DL-1Pg11-grey Surface mounted housing
09-20-003-0320 HARTING-09-20-003-0320 Datasheet
457Kb / 2P
Han 3A-HBM/P-DL-grey Bulkhead mounted housing
09-20-003-0720 HARTING-09-20-003-0720 Datasheet
451Kb / 2P
Han 3A-HCC/P-DL-1Pg11-grey Cable to cable housing
09-20-003-0820 HARTING-09-20-003-0820 Datasheet
456Kb / 2P
Han 3A-HBMA/P-DL-grey Bulkhead mounted housing
09-20-003-5428 HARTING-09-20-003-5428 Datasheet
450Kb / 2P
Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
09-20-003-5442 HARTING-09-20-003-5442 Datasheet
467Kb / 2P
Han 3A-C/P-f.Hood--DL-grey-w.cord
19-44-003-0306 HARTING-19-44-003-0306 Datasheet
491Kb / 2P
Han-INOX 3A-HBM-DL-C
19-44-003-0305 HARTING-19-44-003-0305 Datasheet
491Kb / 2P
Han-INOX 3A-HBM-DL-C
DS_09200030327_EN HARTING-DS_09200030327_EN Datasheet
109Kb / 2P
Han 3A-HBM/P-DL-black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com