Electronic Components Datasheet Search
  English  ▼

X  

09200035449 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035449
Description  Han 3A-AK-Dichtung (Kunstst. sw)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035449 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035449 Datasheet HTML 1Page - HARTING Technology Group 09200035449 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5449
Han 3A-AK-Dichtung (Kunstst. sw)
Han 3A-AK-Dichtung (Kunstst. sw)
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 003 5449
Specification
Han 3A-AK-Dichtung (Kunstst. sw)
HARTING eCatalogue
https://b2b.harting.com/09200035449
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for bulkhead mounted housings
for surface mounted housings
Thermoplastic
With seal
With fixing cord
Version
Locking type
Single locking lever
Size
3 A
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted female insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Colour (hood/housing)
RAL 9005 (jet black)
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035449

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035441 HARTING-09200035441 Datasheet
468Kb / 2P
Han 3A-C/P-f.Hood-DL-seal-grey-w.cord
09200035442 HARTING-09200035442 Datasheet
467Kb / 2P
Han 3A-C/P-f.Hood--DL-grey-w.cord
09200035445 HARTING-09200035445 Datasheet
457Kb / 2P
Han 3A Thermopl. Cover, Sealing for Base
09200035446 HARTING-09200035446 Datasheet
456Kb / 2P
Han 3A-AK (KUNSTSTOFF
09200035447 HARTING-09200035447 Datasheet
460Kb / 2P
Han 3A-AK-Dichtung (Kunstst.)
More results

Similar Description - 09200035449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09200035426 ETC2-09200035426 Datasheet
94Kb / 1P
Han 3A-AK Metallabdeckkappe
logo
HARTING Technology Grou...
09-14-001-5402 HARTING-09-14-001-5402 Datasheet
479Kb / 2P
Han 1Mod AK-QB-Dichtung
09-20-003-5408 HARTING-09-20-003-5408 Datasheet
451Kb / 2P
Han 3A-AK-Dichtung,Kappe o. glatt
09-20-003-5426 HARTING-09-20-003-5426 Datasheet
462Kb / 2P
Han 3A-AK Protection cover
09-20-003-5446 HARTING-09-20-003-5446 Datasheet
456Kb / 2P
Han 3A-AK (KUNSTSTOFF
09-20-003-5447 HARTING-09-20-003-5447 Datasheet
460Kb / 2P
Han 3A-AK-Dichtung (Kunstst.)
09-20-003-5448 HARTING-09-20-003-5448 Datasheet
459Kb / 2P
Han 3A-AK-Dichtung (Kunstst.)
09-20-003-5450 HARTING-09-20-003-5450 Datasheet
456Kb / 2P
Han 3A-AK (Kunstst. sw) Protection cover
09-30-010-5432 HARTING-09-30-010-5432 Datasheet
477Kb / 2P
Han 10B-AK-LB-Dichtung Protection cover
09-20-003-5409 HARTING-09-20-003-5409 Datasheet
533Kb / 2P
Han 3A-AK-DICHTUNG SCHWARZ
2021-12-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com