Electronic Components Datasheet Search
  English  ▼

X  

LDL25 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDL25
Description  25 WATT SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDL25 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDL25 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDL25 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
Specifications
LDL25 Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …………........................................................... 90~264Vac
Frequency ………………………………………….……………..... 50/60 Hz
AC Inrush Current …......... <5A After 100μS @240Vac, 25℃ Ta Cold Start
Standby Power Consumption ……..…………………………………… <0.5W
Leakage Current ……..………………………………………………. <0.75mA
OUTPUT SPECIFICATIONS:
Constant Current Accuracy (note1) ….….…………….…….……… ±5% max.
Current Line Regulation (note2) ….…………………..………. ±5% max.
Current Load Regulation (note3) ………………………………. ±5% max.
Over Voltage Protection ……………………………………...……. TVS clamp
Short Circuit Protection …………………..….. Hiccup Mode, Auto Recovery
DALI Dimming (Optional with Current Setting Resistor Between Pin1 and Pin2 of CN3) ….… 1~100%
GENERAL SPECIFICATIONS:
Efficiency…………………………….…… LDL25DU: 86%@230Vac Full Load
Isolation Voltage, Input to Output …………….…..…………………. 3.75KVac
Isolation Resistance, Input to Output …………………………..…… 10
8 Ω min.
Surge Voltage Between L-N ………………………………………………. 2KV
SAFETY AND EMC:
Safety ……………………………………………. EN61347-1, EN61347-2-13
EMI …………………………………………..….…………….. EN55015 Class B
EMS ……………………………………….…....... EN61000-4-2, 3, 4, 5, 6, 8,11
Harmonic Current ……………………………………...…..…. EN61000-3-2, 3
MECHANICAL CHARACTERISTICS:
ENVIRONMENTAL CHARACTERISTICS:
Dimensions ………… 5.000x2.638x0.913 Inches (127.00x67.00x23.20mm)
Operating Ambient Temperature …..... -30℃~ 50℃ (See Derating Curve)
Weight ………………………..…………………………………...…160g
Cooling …………………….…………………………… Natural Convection
NOTE:
Storage Temperature, Humidity ……….……..... -40 ~ 85℃, 20%~95% RH
1. Set at 230Vac nominal input voltage and full load.
Operating Altitude Max ……..…………..………. 3000m above Sea Level
2. Current Line regulation is measured from High Line to Low Line, full load.
Temperature Coefficient ……………………………… ±0.05%/℃(0~50℃)
3. Current load regulation is measured from min. output voltage to max.
output voltage.
4. All specifications are typical at 230 Vac, Vo max ,full load and 25˚C Ta.
unless other noted.
Mechanical Specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com