Electronic Components Datasheet Search
  English  ▼

X  

LDM100S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDM100S
Description  100 WATT SINGLE OUTPUT AC-DC LED DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDM100S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDM100S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDM100S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
INPUT SPECIFICATIONS:
1~10V Dimming function for output current curve:
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
DIM(V)<1V,the output will be shut down
Typical curve
Voltage …....………........….................................. 90~305Vac or 127-420Vdc
Frequency …………………………...………….........…………..... 47 to 63Hz
Inrush Current …….......................… 75A max. @240Vac, Cold Start @25℃
Conducted EMI ……………..………………..……....… CISPR/FCC Class B
Power Factor …………………………………….….……………...... PF> = 0.9
Leakage Current ………………...……….…..…..… 0.75mA max. @277Vac
Input Current ……………………………….. 1.1A typ. @110Vac, Pout=99W
0.55A typ. @230Vac, Pout=99W
OUTPUT SPECIFICATIONS:
Holdup Time ……...……………………..………………… 16ms typ. @115Vac
Short Circuit Protection ………………..……... Hiccup Mode (Auto Recover)
Temperature Coefficient .……………….….................................. ±0.05%/℃
Over Voltage Protection …………………………. TVS Component to Clamp
Derating curve:
0
25
50
75
100
-40 -30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)
Over Current Limit ………..…….………….. Constant Current Mode (note 9)
Over Temperature Protection …………...………..………….…….. 110℃ typ.
Altitude ……………………..……………..……………………………… 2000m
Startup Time (note11) ………………………….……………………. 0.5s max.
Rise Time …………………………..………..………………………… 50ms typ.
MTBF….….…....…. MIL-HDBK-217F, GB, at 25℃ /115VAC…160Khrs typ.
Life Time ………………………………… 40000 Hours min. @Full Load, 25℃
Vibration ……...… 15~2000Hz 4G period for 60min, each along X Y Z axes
SAFETY AND EMC:
Emission and Immunity ……..….………….………….… EN55015, CISPR22
EN61547, EN61000-3-2, EN61000-3-3
Surge ……………………………….......…………………...………………. 4KV
NOTE:
Safety …………………………….…… UL8750, EN61347-1, EN61347-2-13
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Harmonic Current ……………………….. EN61000-3-2 Class C (>60% Load)
ripple noise measuring @20MHz BW and 95% rated current.
GENERAL SPECIFICATIONS:
2. Voltage accuracy is set of 90% rated current.
Isolation Voltage ……………………….……..…………….. I/P-O/P 3750VAC
3. Line regulation is measured from high line to low line with 90% rated current.
Isolation Resistance …………………….…….…..……………... 100MΩ min.
4. Load regulation is measured from 90% to 10% rated current.
Operating Temperature …………..........….. -40 ~ 70℃(See Derating Curve)
5. Can be adjusted by internal potentiometer.
Storage Temperature ……………………..………………………….. -40~85℃
6. Output constant current accuracy ±5%.
Cooling ……………………………………………….…….. Natural Convection
7. IP67f or model: LDM100SXXX-01, LDM100SXXX-03, LDM100SXXX-04
MECHANICAL CHARACTERISTICS:
IP65 for model: LDM100sXXX-02, LDM100SXXX-03A, LDM100SXXX-04A
Dimensions ……..... 9.134x1.575x1.102Inches (232.00x40.00x28.00mm)
8. Efficiency is measured 95% rated power at Vin=230VAC.
Weight ………………………………….......………….……………….. 504g typ.
9. Less than 50% typ. of the rated output voltage will enter hiccup mode.
10. No load power consumption<0.5W for LDM100SXXX-01, -02
No load power consumption<1.5W for LDM100SXXX-03, -03A, -04, -04A
Stand by power consumption<0.5W for LDM100SXXX-03, -03A, -04, -04A
11. Start up interval must be greater than 3 seconds.
Mechanical Specification
ACL(Brown)
ACN(Blue)
FG
(Green/Yellow)
All Dimensions in Inches(mm)
Tolerance
Inches:x.xxx±0.02
Millimeters:x.xx±0.5
2
Vo+(Red) 16AWG
Vo-(Black) 16AWG
SJTW
SJTW 18AWG(0.75mm )x3C
TC
*
TC: Max Case Temperature
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com