Electronic Components Datasheet Search
  English  ▼

X  

PR4103 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR4103
Description  High Power LED Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4103 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR4103 Datasheet HTML 1Page - PREMA Semiconductor. PR4103 Datasheet HTML 2Page - PREMA Semiconductor. PR4103 Datasheet HTML 3Page - PREMA Semiconductor. PR4103 Datasheet HTML 4Page - PREMA Semiconductor. PR4103 Datasheet HTML 5Page - PREMA Semiconductor. PR4103 Datasheet HTML 6Page - PREMA Semiconductor. PR4103 Datasheet HTML 7Page - PREMA Semiconductor. PR4103 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LED Driver PR4103
Characteristics
ELECTRICAL CHARACTERISTICS
Vcc = 12 VDC, Ta = 25°C, L = 470 µH (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Vcc
Supply voltage
21
[V]
VDI
Undervoltage detection
Start-up
Shut-off
8.0
8.4
9.0
[V]
[V]
IsuppON
Supply current
3.0
[mA]
VNDRV
Gate output voltage HIGH
5.0
5.8
[V]
IOUTsource
Output source current at NDRV
50
[mA]
IOUTsink
Output sink current at NDRV
20
[mA]
fOP
Operating frequency
130
[kHz]
VSENSE
Threshold voltage at RSENSE
200
[mV]
BLOCK DIAGRAM
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com