Electronic Components Datasheet Search
  English  ▼

X  

PR4401 Datasheet(PDF) 5 Page - PREMA Semiconductor.

Part # PR4401
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4401 Datasheet(HTML) 5 Page - PREMA Semiconductor.

  PR4401 Datasheet HTML 1Page - PREMA Semiconductor. PR4401 Datasheet HTML 2Page - PREMA Semiconductor. PR4401 Datasheet HTML 3Page - PREMA Semiconductor. PR4401 Datasheet HTML 4Page - PREMA Semiconductor. PR4401 Datasheet HTML 5Page - PREMA Semiconductor. PR4401 Datasheet HTML 6Page - PREMA Semiconductor. PR4401 Datasheet HTML 7Page - PREMA Semiconductor. PR4401 Datasheet HTML 8Page - PREMA Semiconductor. PR4401 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LED Driver PR4401 / PR4402
Characteristic Performance Curves for PR4402
0,8
1
1,2
1,4
1,6
1,8
2
0
10
20
30
40
22 µH
10 µH
6.8 µH
4.7 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
0
25
50
75
100
22 µH
10 µH
6.8 µH
4.7 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
0
100
200
300
400
22 µH
10 µH
6.8 µH
4.7 µH
Supply Voltage [V]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com