Electronic Components Datasheet Search
  English  ▼

X  

PR4404 Datasheet(PDF) 5 Page - PREMA Semiconductor.

Part # PR4404
Description  Low Voltage Boost Driver PR4404 for 0.5 W / 1 W Power LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4404 Datasheet(HTML) 5 Page - PREMA Semiconductor.

  PR4404 Datasheet HTML 1Page - PREMA Semiconductor. PR4404 Datasheet HTML 2Page - PREMA Semiconductor. PR4404 Datasheet HTML 3Page - PREMA Semiconductor. PR4404 Datasheet HTML 4Page - PREMA Semiconductor. PR4404 Datasheet HTML 5Page - PREMA Semiconductor. PR4404 Datasheet HTML 6Page - PREMA Semiconductor. PR4404 Datasheet HTML 7Page - PREMA Semiconductor. PR4404 Datasheet HTML 8Page - PREMA Semiconductor. PR4404 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LED Driver PR4404
Characteristics
B
SUPPLY VOLTAGE 1...2 V - TARGET CURRENT 150 mA - ONE LED
Rs = 1,33 Ω, L1 = 1.0 µH / 1.5 µH with Isat=2.5 A
0,8
1
1,2
1,4
1,6
1,8
2
2,2
0
50
100
150
200
1.0 µH
1.5 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
2,2
0
150
300
450
600
1.0 µH
1.5 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
2,2
0
200
400
600
800
1.0 µH
1.5 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
2,2
0
20
40
60
80
1.0 µH
1.5 µH
Supply Voltage [V]
0,8
1
1,2
1,4
1,6
1,8
2
2,2
200
400
600
800
1.0 µH
1.5 µH
Supply Voltage [V]
The peak input current is approximately twice the average input current. At some conditions this current
is close to the SW current maximum rating.The allowed ambient temperature range is restricted by the
maximum junction temperature rating!
© PREMA Semiconductor GmbH 2006-2017 I rev. 1017
Page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com