Electronic Components Datasheet Search
  English  ▼

X  

74HC4067DB Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74HC4067DB
Description  16-channel analog multiplexer/demultiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4067DB Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74HC4067DB Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74HC4067DB Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Nexperia
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
UNIT
A1
A2
A3
bp
c
D(1)
E(1)
(1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
8.4
8.0
5.4
5.2
0.65
1.25
7.9
7.6
0.9
0.7
0.8
0.4
8
0
o
o
0.13
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT340-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
Lp
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
1
12
24
13
0.25
y
pin 1 index
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
A
max.
2
Fig. 19. Package outline SOT340-1 (SSOP24)
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 7 — 2 June 2020
21 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com