Electronic Components Datasheet Search
  English  ▼

X  

USB-5801 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-5801
Description  4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-5801 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-5801 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial I/O
Features
USB-5801
4-ch, 24-bit, 192 kS/s Dynamic Signal
Acquisition USB 3.0 I/O Module with
Analog Output and Tachometer
Specifications
Analog Input
ƒ
Channels
4 (simultaneous sampling,
50
Ω pseudo-differential configurable)
ƒ
Resolution
24 bits (delta-sigma ADC)
ƒ
Max. Sampling Rate
1 ~ 192 kS/s
ƒ
Input Coupling
AC/DC, selectable per channel
ƒ
Trigger Modes
Start, Delayed Start,
Stop, Delayed Stop
ƒ
Input Range
±1 V, ±2 V, ±5 V, ±10 V
ƒ
Offset Error
< ±0.2 mV
ƒ
Gain Error
< ±0.02% of full-scale range
ƒ
Total Harmonic Distortion Plus -95 dB
Noise (THD+N)
ƒ
IEPE Excitation
2 mA
Analog Output
ƒ
Channels
2 (50
Ω pseudo differential)
ƒ
Resolution
24 bits (delta-sigma DAC)
ƒ
Update rate
1 ~ 192 kS/s
ƒ
Output coupling
DC
ƒ
Output range
±1 V, ±10 V
ƒ
Offset error
< ±0.5 mV
ƒ
Gain error
< ±0.03% of full-scale range
ƒ
Total harmonic distortion plus
-91 dB
noise (THD+N)
ƒ
Trigger mode
Start, delay to start, stop, delay to stop
ƒ
Auto calibration
Yes
Tachometer Input
ƒ
Channels
2
ƒ
Input voltage
Logic 0: 3 V max.
Logic 1: 10 V min. (30 V max.)
ƒ
Input frequency
5 kHz max.
ƒ
Isolation protection
2,500 VDC
ƒ
Digital Filter
16 μs ~ 131 ms
ƒ USB 3.0 SuperSpeed and daisy chainable by built-in USB hub
ƒ 4 simultaneously sampled analog inputs, up to 192 kS/s
ƒ 24-bit resolution ADCs with -95 dB total harmonic distortion plus noise
(THD+N)
ƒ Built-in anti-aliasing filter
ƒ 2 mA integrated electronic piezoelectric (IEPE) excitation currents
ƒ 2 analog outputs with update rate up to 192 kS/s
ƒ 24-bit resolution DACs with -91 dB total harmonic distortion plus noise
(THD+N)
ƒ 2 tachometer inputs for period or frequency measurement
ƒ 4-ch isolated digital input and 4-ch isolated digital output
Introduction
USB-5801 is a high accuracy dynamic signal acquisition USB 3.0 module specifically designed for vibration and acoustic measurements. It provides four simultaneously sampled,
24-bit, IEPE sensor inputs with up to 192 kS/s sample rate for high resolution measurements. It is also equipped with two 24-bit analog outputs with up to 192 kS/s update rate. In
addition, it has two tachometer inputs whose data can be correlated to the sensor data. The built-in USB hub makes this module daisy chainable with other USB-5000 series products.
Digital Input
ƒ
Channels
4
ƒ
Input voltage
Logic 0: 3 V max.
Logic 1: 10 V min. (30 V max.)
ƒ
Opto-isolator response time 100 μs
ƒ
Isolation protection
2,500 VDC
ƒ
Digital Filter
16 μs ~ 131 ms
Digital Output
ƒ
Channels
4
ƒ
Load voltage
5 ~ 40 VDC
ƒ
Load current
350 mA/ch (sink)
ƒ
Opto-isolator response time 100 μs
ƒ
Isolation protection
2,500 VDC
General
ƒ
Interface
USB 3.0
ƒ
Data transfer rate
5 Gbps
ƒ
Connectors
6 x BNC (AI and AO)
2 x 10-pin, 3.81-mm terminal blocks
(tachometer, trigger, and DI/O)
2 x 3-pin, 3.81-mm terminal blocks (power)
1 x USB 3.0 type A (downstream port)
1 x USB 3.0 type B (upstream port)
ƒ
Dimensions
168 mm x 120 mm x 40 mm (6.6" x 4.7" x 1.6")
ƒ
Operating temperature
0 ~ 60 °C (32 ~ 140 °F)
ƒ
Storage temperature
-40 ~ 70 °C (-40 ~ 158 °F)
ƒ
Storage humidity
5 ~ 95% RH (non-condensing)
ƒ
Power supply
External 10 ~ 30 VDC or USB bus power
ƒ
Power consumption
150 mA typ./200 mA max. @24 V external
power
700 mA typ./860 mA max. @5 V bus power
Ordering Information
ƒ
USB-5801-AE
4-ch, 24-bit, 192 kS/s Dynamic Signal
Acquisition USB 3.0 I/O Module with Analog
Output and Tachometer
ƒ
96PSD-A40W24-MM
DIN RAIL A/D 100-240V 40W 24V
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 5-Jun-2019


Similar Part No. - USB-5801

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-5817 ADVANTECH-USB-5817 Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5817-AE ADVANTECH-USB-5817-AE Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5820 ADVANTECH-USB-5820 Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5820-AE ADVANTECH-USB-5820-AE Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
More results

Similar Description - USB-5801

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4702 ADVANTECH-USB-4702 Datasheet
272Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction USB Module
USB-4711A ADVANTECH-USB-4711A Datasheet
527Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction USB Module
logo
National Instruments Co...
PCI-4474 NI-PCI-4474 Datasheet
362Kb / 4P
24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
4461 NI-4461 Datasheet
754Kb / 6P
24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Advantech Co., Ltd.
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
logo
Adlink Technology Inc.
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Advantech Co., Ltd.
USB-5817 ADVANTECH-USB-5817 Datasheet
528Kb / 1P
8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com