Electronic Components Datasheet Search
  English  ▼

X  

SPLC782A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SPLC782A
Description  16COM/40SEG Controller/Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPLC782A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SPLC782A Datasheet HTML 17Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 18Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 19Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 20Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 21Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 22Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 23Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 24Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
SPLC782A
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
21
FEB. 15, 2005
Version: 1.7
5.15.4. 1/16 Duty, type-A waveform
Figure 5-32: 1/16 Duty type-A waveform
5.15.5. 1/8 Duty, type-B waveform
Figure 5-33: 1/8 Duty type-B waveform
5.15.6. 1/11 Duty, type-B waveform
Figure 5-34: 1/11 Duty type-B waveform
COM1
1 frame = 4 (
s) x 200 x 16 = 12800 (s) = 12.8 ms
Frame frequency =
1
12.8 (ms)
= 78.1 (Hz)
1 frame
1
2
3
4
16
1
2
200 clocks
VPP
V1
V3
V4
V2
VSS
1 2
7 8 1 2
7 8 1 2
7 8 1 2
7 8
400 clocks
COM1
2
1 Frame
1 Frame
1 frame = 4(
s) x 400 x 8 = 12800(s) = 12.8ms
78.1(Hz)
12.8(ms)
1
ency
Framefrequ
VPP
V1
V4
VSS
V2(V3)
1 2
10 11 1 2
400 clocks
2
1 Frame
1 Frame
10 11 1 2
1 frame = 4(
s) x 400 x 11 = 17600(s) = 17.6ms
(Hz)
5
17.6(ms)
1
ency
Framefrequ
8
.
6
COM1
VPP
V1
V4
VSS
V2(V3)
Sunplus
Confidential
For
PARTMINER
Use
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com