Electronic Components Datasheet Search
  English  ▼

X  

PESC61 Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PESC61
Description  Security Protocol Processor PCI Express Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PESC61 Datasheet(HTML) 2 Page - Silicom Ltd.

  PESC61 Datasheet HTML 1Page - Silicom Ltd. PESC61 Datasheet HTML 2Page - Silicom Ltd. PESC61 Datasheet HTML 3Page - Silicom Ltd. PESC61 Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
KASUMI
SHA-256/384/512
200Mbps Random Number Generator
Host Interface:
PCI Express x4 lanes
Applications:
VPN appliances
VPN firewalls, routers and switches
Secure WEB Servers and storage
Secure Access devices
Technical Specifications
System Throughout
System Throughout values are shown below. System values represent measured, memory-to-memory, in-system throughout on an
optional platform using large buffer sizes and maximum pipelining
Function
Value
Full SSL processing throughout
AES+SHA
1000 Mbp/s
Full IPSec AES/SHA
1000 Mbp/s
MAX Diffie-Helman (1024-bit module,
180-bit exponent)
1600 Transaction /Second
MAX RSA 1024-bit exponent with CRT
8000Transaction /Second
Random Number Generator
200 Mbps
Operating Systems Support
Operating system support:
Linux
FreeBSD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com