Electronic Components Datasheet Search
  English  ▼

X  

256B Datasheet(PDF) 1 Page - IBM

Part # 256B
Description  256b/257b Transcoding for 100 Gb/s Backplane and Copper Cable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

256B Datasheet(HTML) 1 Page - IBM

  256B Datasheet HTML 1Page - IBM 256B Datasheet HTML 2Page - IBM 256B Datasheet HTML 3Page - IBM 256B Datasheet HTML 4Page - IBM 256B Datasheet HTML 5Page - IBM 256B Datasheet HTML 6Page - IBM 256B Datasheet HTML 7Page - IBM 256B Datasheet HTML 8Page - IBM 256B Datasheet HTML 9Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
256b/257b Transcoding for 100 Gb/s
Backplane and Copper Cable
IEEE 802.3bj
March 12-16, 2012, Hawaii
Roy Cideciyan - IBM


Similar Part No. - 256B

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
256 TELEDYNE-256 Datasheet
1Mb / 3P
MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
logo
3M Electronics
256 3M-256 Datasheet
564Kb / 5P
3M™ Scotch® Printable Flatback Paper Tape 256
May-2017
logo
Aries Electronics, Inc.
256 ARIES-256 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
Walther-Werke
256 WALTHER-256 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
List of Unclassifed Man...
256-30695-131 ETC2-256-30695-131 Datasheet
235Kb / 1P
Connectors for Copper Conductor
More results

Similar Description - 256B

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9192 VITESSE-VSC9192 Datasheet
442Kb / 2P
340 Gb/s and 170 Gb/s OC-48 STS-1 Time-Slot Interchange Switches
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
AVAGO TECHNOLOGIES LIMI...
RX-PMQPSK-100 AVAGO-RX-PMQPSK-100 Datasheet
164Kb / 1P
100 Gb/s PM-QPSK Integrated Coherent Receiver
logo
TriQuint Semiconductor
TGA4898-SL TRIQUINT-TGA4898-SL Datasheet
172Kb / 1P
100 Gb/s Quad Limiting Driver
logo
Keysight Technologies
N4960A KEYSIGHT-N4960A Datasheet
4Mb / 26P
Serial BERT 17 and 32 Gb/s
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Advantech Co., Ltd.
VEGA-4002 ADVANTECH-VEGA-4002 Datasheet
237Kb / 1P
Dual Xilinx Ultrascale FPGA Accelerator for OTT Transcoding and Video Processing
26-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com