Electronic Components Datasheet Search
  English  ▼

X  

VT6307L Datasheet(PDF) 33 Page - VIA Technologies, Inc.

Part # VT6307L
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307L Datasheet(HTML) 33 Page - VIA Technologies, Inc.

Back Button VT6307L Datasheet HTML 29Page - VIA Technologies, Inc. VT6307L Datasheet HTML 30Page - VIA Technologies, Inc. VT6307L Datasheet HTML 31Page - VIA Technologies, Inc. VT6307L Datasheet HTML 32Page - VIA Technologies, Inc. VT6307L Datasheet HTML 33Page - VIA Technologies, Inc. VT6307L Datasheet HTML 34Page - VIA Technologies, Inc. VT6307L Datasheet HTML 35Page - VIA Technologies, Inc. VT6307L Datasheet HTML 36Page - VIA Technologies, Inc. VT6307L Datasheet HTML 37Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-27-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Interrupt Registers
Memory Offset 80 (Set), 84 (Clear) – Interrupt Events RW
31-27 Reserved
........................................ always reads 0
26
PHY Register Data Received
PHY register data byte received (data byte not sent
when register 0 received)
25
Cycle Too Long
More than 115 usec (but not more than 120 usec)
elapsed between the start of sending a cycle start
packet and the end of a subaction gap.
24
Unrecoverable Error
Error encountered that has forced the chip to stop
operations of any or all subunits (e.g., when a DMA
context sets its “ContextControl.Dead” bit)
23
Cycle Inconsistent
Cycle start received with a cycle count different from
the value in the “Cycle Timer” register
22
Cycle Lost
Expected cycle start not received (cycle start not
received immediately after the first subaction gap
after the “Cycle Sync” event or arbitration reset gap
detected after a “Cycle Sync” event without an
intervening cycle start).
21
Cycle 64 Seconds Interrupt
Bit 7 of the “Cycle Seconds Counter” has changed.
20
Cycle Synch Interrupt
New isochronous cycle started (least significant bit of
the cycle count toggled).
19
PHY Requested Interrupt
The PHY has requested an interrupt using a status
transfer.
18
Reserved
........................................ always reads 0
17
Bus Reset Entered
The Phy has entered bus reset mode.
16
Self-ID Complete
Self-ID packet stream received.
15-10 Reserved
........................................ always reads 0
9
Lock Response Error
Lock response sent to a serial bus register in response
to a lock request but no “ack_complete” received.
8
Posted Write Error
A host bus error occurred while the chip was trying to
write a 1394 write request (which had already been
given an “ack_complete”) into system memory.
7
Isochronous ReceiveDMA Complete
One or more Isochronous receive contexts have
generated an interrupt (one or more bits have been set
in the “Isochronous Receive Interrupt Event” register
masked by the “Isochronous Receive Interrupt Mask”
register).
6
Isochronous Transmit DMA Complete
One or more Isochronous transmit contexts have
generated an interrupt (one or more bits have been set
in the
“Isochronous
Transmit Interrupt Event”
register
masked
by the
“Isochronous
Transmit
Interrupt Mask” register).
5
Response Packet Sent
A packet was sent to an asynchronous receive
response context buffer.
4
Receive Packet Sent
A packet was sent to an asynchronous receive request
context buffer.
3
Async Receive Response DMA Complete
Conditionally set upon completion of an ARDMA
Response context command descriptor.
2
Async Receive Request DMA Complete
Conditionally set upon completion of an ARDMA
Request context command descriptor.
1
Async Response Transmit DMA Complete
Conditionally set upon completion of an ATDMA
Response command.
0
Async Request Transmit DMA Complete
Conditionally set upon completion of an ATDMA
Request command.
Memory Offset 88 (Set), 8C (Clear) – Interrupt Mask.. RW
The bits in this register (except for the Master Interrupt Enable
bit in bit-31) correspond to the bits in the Interrupt Event
register above. Zeros in these bits prevent the corresponding
interrupt condition from generating an interrupt. Bits are set in
the mask register by writing one bits to the “Set” address and
cleared by writing one bits to the “Clear” address. The current
value of the mask bits may be read from either address.
31
Master Interrupt Enable
0
Disable All Interrupt Events................... default
1
Generate interrupts per mask bits 0-26
30-27 Reserved
........................................always reads 0
26-0 Interrupt Mask ........................... default = undefined
(see Interrupt Event register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com