Electronic Components Datasheet Search
  English  ▼

X  

2460 Datasheet(PDF) 11 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button 2460 Datasheet HTML 7Page - Emerson Network Power 2460 Datasheet HTML 8Page - Emerson Network Power 2460 Datasheet HTML 9Page - Emerson Network Power 2460 Datasheet HTML 10Page - Emerson Network Power 2460 Datasheet HTML 11Page - Emerson Network Power 2460 Datasheet HTML 12Page - Emerson Network Power 2460 Datasheet HTML 13Page - Emerson Network Power 2460 Datasheet HTML 14Page - Emerson Network Power 2460 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Table 1: Rosemount 2460 System Hub Ordering Information (continued)
Housing
A
Aluminum (polyurethane-covered), IP 65
Cable/conduit connections
G
Metal cable glands (M20 x1.5 and M25 x1.5)
Includes:
■ 2 pcs M25 plugs
■ 7 pcs M20 plugs
■ 2 pcs M25 glands
■ 9 pcs M20 glands
1
NPT adapters (
½ -14 NPT and ¾ -14 NPT)
Includes:
■ 2 pcs M25 plugs
■ 7 pcs M20 plugs
■ 2 pcs ¾-14 NPT adapters
■ 9 pcs ½-14 NPT adapters
2
Metal plugs (M20 x 1.5 and M25 x1.5)
Includes:
■ 2 pcs M25 plugs
■ 7 pcs M20 plugs
Extra
0
None
Options (include with selected model number)
Tag plate
ST
Engraved SST tag plate
Conformance certificate
Q1
Printed copy of certificate of conformance
Extended warranty(14)
WR3
3-year limited warranty
WR5
5-year limited warranty
Typical model number: 2460 1 S
0
S R R R R FR FR TR TR 00 00 P R A 1 0 WR3
(1)
Maximum number of tanks depends on selected field ports configuration.
(2)
Depending on device type and application, the number of devices per tank, or number of tanks per device, may differ.
(3)
Dual Rosemount 2460 System Hub redundancy requires two system hubs with identical model codes. For redundant systems with
emulation,consult factory for technical guidance.
(4)
This option is required to be able to use field port redundancy and/or field device redundancy. Field port redundancy is only possible for TRL/2 and
RS485 ports, where the same interface must be used on each pair. The capacity of the Rosemount 2460 is reduced when using field port
redundancy.
(5)
When using Modbus TCP in combination with user-defined Modbus mapping, the same Modbus mapping will be used for all clients. In this case,
TankMaster cannot be used.
(6)
See Table 2 for maximum number of devices connected to each field port.
(7)
Not supported for redundant system hubs (Redundancy option code R).
(8)
External power supply is required for powering the bus.
(9)
Only one protocol can be used per port.
(10) Empty ports will not be enabled for use. To activate an empty port after delivery, a port upgrade must be ordered.
(11) Emulation of Enraf CIU 858 for connection to existing host system or service/configuration tool.
(12) A redundant TankMaster system requires two clients when TankMaster is connected via Modbus TCP .
(13) Requires Rosemount 5900S Radar Level Gauge and Rosemount 2410 Tank Hub with corresponding Custody transfer type approval.
May 2020
Rosemount 2460
Emerson.com/Rosemount
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com