Electronic Components Datasheet Search
  English  ▼

X  

TLP170D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP170D
Description  TOSHIBA Photocoupler IRED & Photo-MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP170D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP170D Datasheet HTML 1Page - Toshiba Semiconductor TLP170D Datasheet HTML 2Page - Toshiba Semiconductor TLP170D Datasheet HTML 3Page - Toshiba Semiconductor TLP170D Datasheet HTML 4Page - Toshiba Semiconductor TLP170D Datasheet HTML 5Page - Toshiba Semiconductor TLP170D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP170D
1
2019-06-17
© 2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA Photocoupler IRED & Photo-MOSFET
TLP170D
PBX
Modem
⋅ Fax Card
Telecommunication
Security Equipment
Measurement Equipment
The Toshiba TLP170D consists of an infrared emitting diode optically
coupled to a photo-MOSFET in a 4-pin SOP package.
This photorelay requires 1 mA of LED current to turn it on. It is suitable
for applications that need electrical power saving.
•
SOP 4 pin (2.54SOP4): 1-Form-A
•
Peak off-state voltage: 200 V (min)
•
Trigger LED current: 1 mA (max)
•
ON-state current: 200 mA (max)
•
ON-state resistance: 8 Ω (max)
•
Isolation voltage: 1500 Vrms (min)
•
UL-recognized: UL 1577, File No.E67349
•
cUL-recognized: CSA Component Acceptance Service No.5A
File No.E67349
•
VDE-approved: EN 60747-5-5 (Note 1)
Note 1: When a VDE approved type is needed,
please designate the Option(V4).
Pin Configuration (top view)
Internal Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-5H1
Weight: 0.1 g (typ.)
1
2
4
3
1: Anode
2: Cathode
3: Drain
4: Drain
1
2
4
3
Start of commercial production
2009-06


Similar Part No. - TLP170D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170AM TOSHIBA-TLP170AM Datasheet
320Kb / 11P
Photocouplers Photorelay
2021-05-24 Rev.2.0
TLP170G TOSHIBA-TLP170G Datasheet
340Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170GM TOSHIBA-TLP170GM Datasheet
320Kb / 10P
Photocouplers Photorelay
2021-05-31 Rev.2.0
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
Modem - Fax Cards, Modems in PC
01-Sep-2014
More results

Similar Description - TLP170D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
25-Sep-2002
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
12-Mar-2003
TLP3110 TOSHIBA-TLP3110 Datasheet
204Kb / 5P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
01-Jun-2001
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
01-Oct-2007
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo−Transistor
01-Oct-2007
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com