Electronic Components Datasheet Search
  English  ▼

X  

1183 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1183
Description  Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1183 Datasheet(HTML) 2 Page - 3M Electronics

  1183 Datasheet HTML 1Page - 3M Electronics 1183 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
2 of 2
3M is a trademark of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800 676 8381
FAX: 800 828 9329
www.3M.com/oem
Please recycle
© 3M 2014 All rights reserved
78-8124-4704-9 Rev C
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum. Properties
measured at room temperature 73°F (~23°C) unless otherwise stated.
Property (Test Method)
Typical Value
US units (metric)
Color
Tin (foil may have a slight color variation)
Adhesive
Acrylic Conductive
Type of Backing
Tin–Plated Copper
Backing Thickness
1.4 mil (0.04mm)
Total Thickness (ASTM D1000)
2.6 mils (0.066mm)
Electrical Resistance
1
0.005 Ω
Flame Retardancy
2
Pass
Breaking Strength (ASTM D3759)
25 lbs/in (44N/10mm)
Adhesion Strength (ASTM D3330)
35 oz/in (3.8N/10mm)
Temperature Range
-40ºC to +130ºC
Shielding Effectiveness ( ASTM 4935)
70dB to 85 dB, 30 MHz to 1 GHz
1.
Mil-STD-202 Method 303 maintained at 5 psi (3.4N/cm
2) measured over 1 in2 surface area.
Conductive particles in the adhesive provide the electrical path between the application
substrate and the foil backing.
2.
UL Recognized for flame retardancy per UL 510, Product Category OANZ2, File E17385
Shelf Life &
Storage
This product has a 5-year shelf life from date of manufacture when stored in a humidity
controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
This 1183 Tape is available in 1/4” to 23” widths, standard length is 18 yards, longer
lengths are available. Check with Customer Service
Please contact your local distributor; available from 3M.com/electrical [Where to Buy] or
call 1-866-357-2737 or call 1-800-245-3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your
exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com