Electronic Components Datasheet Search
  English  ▼

X  

LU9343 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # LU9343
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LU9343 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  LU9343 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd LU9343 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Single Pulse Avalanche Current Capability vs. Time
I
D =55A
0
2
4
6
8
10
020
40
60
80
Qg - Total Gate Charge (nC)
V
DS =30 V
V
DS =20 V
0.0
0.3
0.6
0.9
1.2
T
J = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
100
T
J = 25 °C
0.0001
1000
10
1
0.1
1
Tin - (s)
0.001
0.01
0.1
100
I
AV (A) at TJ = 25 °C
I
AV (A) at TJ = 150 °C
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Gate-to-Source Voltage
Drain-Source Breakdown Voltage vs. Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
I
D = 20 A
V
GS =4.5 V
V
GS =10 V
0.00
0.02
0.04
0.06
0.08
0.10
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 150 °C
ID =20A
60
63
66
69
72
75
- 50
- 25
0
25
50
75
100
125
150
ID = 10 mA
TJ - Temperature (°C)
LU9343
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com