Electronic Components Datasheet Search
  English  ▼

X  

X11SSL Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 98Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 99Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 100Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 101Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 102Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 103Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 104Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 105Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
102
SMBIOS Event Long Standard Settings
Log System Boot Event
This option toggles the System Boot Event logging to enabled or disabled. The options are
Disabled and Enabled.
MECI
The Multiple Event Count Increment (MECI) counter counts the number of occurences that
a duplicate event must happen before the MECI counter is incremented. This is a numeric
value. The default value is
1.
METW
The Multiple Event Time Window (METW) defines number of minutes must pass between
duplicate log events before MECI is incremented. This is in minutes, from 0 to 99. The default
value is
60.
Note: After making changes on a setting, be sure to reboot the system for the changes
to take effect.
View SMBIOS Event Log
This section displays the contents of the SMBIOS Event Log.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com