Electronic Components Datasheet Search
  English  ▼

X  

X11SSL Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 100Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 101Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 102Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 103Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 104Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 105Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 106Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 107Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
104
When SEL is Full
This feature allows the user to decide what the BIOS should do when the system event log
is full. Select Erase Immediately to erase all events in the log when the system event log is
full. The options are
Do Nothing and Erase Immediately.
Note: After making changes on a setting, be sure to reboot the system for the changes
to take effect.
BMC Network Configuration
BMC Network Configuration
IPMI LAN Selection
This item displays the IPMI LAN setting. The default setting is
Failover.
IPMI Network Link Status
This item displays the IPMI Network Link status. The default setting is
Dedicated LAN.
Update IPMI LAN Configuration
Select Yes for the BIOS to implement all IP/MAC address changes at the next system boot.
The options are
No and Yes.
*If the item above set to Yes, the following item will become available for user's
configuration:
Configuration Address Source
This feature allows the user to select the source of the IP address for this computer. If Static
is selected, you will need to know the IP address of this computer and enter it to the system
manually in the field. If DHCP is selected, the BIOS will search for a DHCP (Dynamic Host
Configuration Protocol) server in the network that is attached to and request the next available
IP address for this computer. The options are
DHCP and Static.
Configuration Address Source
This item displays the current configuration address for this computer.
Station IP Address
This item displays the Station IP address for this computer. This should be in decimal and in
dotted quad form (i.e., 192.168.10.253).
Subnet Mask
This item displays the sub-network that this computer belongs to. The value of each three-
digit number separated by dots should not exceed 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com