Electronic Components Datasheet Search
  English  ▼

X  

74V2G126CTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V2G126CTR
Description  DUAL BUS BUFFER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G126CTR Datasheet(HTML) 2 Page - STMicroelectronics

  74V2G126CTR Datasheet HTML 1Page - STMicroelectronics 74V2G126CTR Datasheet HTML 2Page - STMicroelectronics 74V2G126CTR Datasheet HTML 3Page - STMicroelectronics 74V2G126CTR Datasheet HTML 4Page - STMicroelectronics 74V2G126CTR Datasheet HTML 5Page - STMicroelectronics 74V2G126CTR Datasheet HTML 6Page - STMicroelectronics 74V2G126CTR Datasheet HTML 7Page - STMicroelectronics 74V2G126CTR Datasheet HTML 8Page - STMicroelectronics 74V2G126CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74V2G126
2/11
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: ”H” or ”L”
Z: High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
1) Vcc=0V or nG=Vcc(Output in High Impedence state)
2) High or Low State
RECOMMENDED OPERATING CONDITIONS
1) Vcc=0V or nG=Vcc (Output in High Impedence state)
2) High or Low State
3) VIN from 30% to 70% of VCC
PIN No
SYMBOL
NAME AND FUNCTION
1, 7
1G, 2G
Output Enable Inputs
2, 5
1A, 2A
Data Inputs
3, 6
2Y, 1Y
Data Outputs
4
GND
Ground (0V)
8
VCC
Positive Supply Voltage
AG
Y
XL
Z
LH
L
HHH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 3) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0to 20
ns/V
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11