Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2909
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2909 Datasheet(HTML) 4 Page - Analog Devices

  LTC2909 Datasheet HTML 1Page - Analog Devices LTC2909 Datasheet HTML 2Page - Analog Devices LTC2909 Datasheet HTML 3Page - Analog Devices LTC2909 Datasheet HTML 4Page - Analog Devices LTC2909 Datasheet HTML 5Page - Analog Devices LTC2909 Datasheet HTML 6Page - Analog Devices LTC2909 Datasheet HTML 7Page - Analog Devices LTC2909 Datasheet HTML 8Page - Analog Devices LTC2909 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4368
4
Rev. B
For more information www.analog.com
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3. These pins can be tied to voltages below –0.3V through a resistor
that limits the current below 1mA.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V to 60V, unless otherwise noted (Note 2). UV = 2.5V, OV = 0V,
SHDN = 2.5V, SENSE = VOUT = VIN unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IGATE(UP)
Gate Pull Up Current
GATE = 15V, VIN = 12V
l
–20
–35
–60
µA
IGATE(SLOW) Gate Slow Pull Down Current
GATE = 20V, VIN = 12V
l
40
90
160
µA
IGATE(FAST) Gate Fast Pull Down Current
GATE = 20V, SENSE = VIN = 12V
l
30
60
90
mA
tD(FAST)
Gate Fast Turn Off Delay
CGATE = 2.2nF: UV, OV Fault
l
2
6
µs
tD(SLOW)
Gate Slow Turn Off Delay
CGATE = 2.2nF, SHDN Falling, VIN = 12V
l
150
275
575
µs
tD(ON)
Gate Turn-On Delay Time
VIN = 12V, Power Good to ΔVGATE > 0V
l
22
32
45
ms
tp(GATE)
Overcurrent Fault Propagation Delay
CGATE = 2.2nF, Overcurrent Fault to ΔVGATE = 0V
SENSE – VOUT: 0 to +100mV, or
SENSE – VOUT: 0 to –100mV (LTC4368-1)
SENSE – VOUT: 0 to –10mV (LTC4368-2)
l
3
8
18
µs
UV, OV
VUV
UV Input Threshold Voltage
UV Falling
l
492.5
500
507.5
mV
VOV
OV Input Threshold Voltage
OV Rising
l
492.5
500
507.5
mV
VUVHYST
UV Input Hysteresis
l
20
25
32
mV
VOVHYST
OV Input Hysteresis
l
20
25
32
mV
ILEAK
UV, OV Leakage Current
V = 0.5V, VIN = 60V
l
±10
nA
tFAULT
UV, OV Fault Propagation Delay
Overdrive = 50mV, VIN = 12V
l
1
2
µs
SHDN
VSHDN
SHDN Input Threshold
SHDN Falling
l
0.4
0.75
1.2
V
ISHDN
SHDN Input Current
SHDN = 10V, VIN = 60V
l
±15
nA
tSTART
Delay Coming Out of Shutdown Mode
SHDN Rising to FAULT, VIN = 12V
l
400
800
1400
µs
tSHDN(F)
SHDN To FAULT Asserted
VIN = 12V
l
1.5
3
µs
tLOWPWR
Delay From Turn Off to Low Power
Operation
VIN = 12V
l
20
32
48
ms
FAULT
VOL
FAULT Output Voltage Low
IFAULT = 500µA, VIN = 12V
l
0.15
0.4
V
IFAULT
FAULT Leakage Current
FAULT = 5V, VIN = 60V
l
±20
nA
RETRY
VRETRY
Configuration Threshold for GATE
Latch-Off
RETRY Falling to ΔIRETRY > 2µA
VIN = 12V
l
0.5
1
1.5
V
IRETRY
Output Current for RETRY Timer
RETRY = 2V, VIN = 12V
RETRY = 0V, VIN = 12V
l
l
2.5
–10
3.5
–17
4.5
–25
µA
µA
tCLEAR
Minimum SHDN Pulse to Clear Forward
Overcurrent RETRY Latch
RETRY = 0V, VIN = 12V
l
15
µs
tRETRY
Forward Overcurrent Cool-Down Delay
FAULT Asserted to FAULT Released, CRETRY = 22nF
SENSE = VOUT = VIN = 12V
l
80
120
150
ms
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com