Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4355
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 1 Page - Analog Devices

  LTC4355 Datasheet HTML 1Page - Analog Devices LTC4355 Datasheet HTML 2Page - Analog Devices LTC4355 Datasheet HTML 3Page - Analog Devices LTC4355 Datasheet HTML 4Page - Analog Devices LTC4355 Datasheet HTML 5Page - Analog Devices LTC4355 Datasheet HTML 6Page - Analog Devices LTC4355 Datasheet HTML 7Page - Analog Devices LTC4355 Datasheet HTML 8Page - Analog Devices LTC4355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4368
1
Rev. B
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100V UV/OV and Reverse Protection
Controller with Bidirectional Circuit Breaker
24V Application with 10A Circuit Breaker
APPLICATIONS
n
Wide Operating Voltage Range: 2.5V to 60V
n
Overvoltage Protection to 100V
n
Reverse Supply Protection to –40V
n
Bidirectional Electronic Circuit Breaker:
n
+50mV Forward Sense Threshold
n
–50mV Reverse (LTC4368-1)
n
–3mV Reverse (LTC4368-2)
n
Adjustable ±1.5% Undervoltage and Overvoltage
Thresholds
n
Low Operating Current: 80µA
n
Low Shutdown Current: 5µA
n
Controls Back-to-Back N-Channel MOSFETs
n
Blocks 50Hz and 60Hz AC Power
n
Hot Swappable Supply Input
n
Pin-Selectable Overcurrent Auto-Retry Timer or Latchoff
n
10-Pin MSOP and 3mm × 3mm DFN Packages
n
AEC-Q100 Qualified for Automotive Applications
n
Reverse Battery Protection
n
Portable Instrumentation
n
Automotive and Industrial Surge Protection
n
Energy Storage Systems
Load Protected from Reverse and Overvoltage at VIN
The LTC®4368 protects applications from power supply
voltages that may be too high, too low, or even negative
and from overcurrent faults in both forward and reverse
directions. The LTC4368 controls the gate voltage of a pair
of external N-channel MOSFETs to ensure that the load
is connected to the input supply only when there are no
voltage or current faults.
Two comparator inputs allow configuration of the over-
voltage (OV) and undervoltage (UV) set points using an
external resistive divider. A current sense resistor sets the
forward and reverse circuit breaker current thresholds.
After a forward current fault, the LTC4368 will either latch-
off power, or retry after a user adjustable delay. After a
reverse current fault, the LTC4368 waits for the output to
fall 100mV below the input to reconnect power to the load.
The LTC4368 has a 32ms turn-on delay that debounces
live supply input connections and blocks 50Hz and 60Hz
AC power. UV/OV faults also trigger the 32ms recovery
delay before the external MOSFETs are turned back on.
VALID WINDOW
VIN
VIN
VOUT
VOUT
OV = 36V
UV = 7V
200ms/DIV
–40V
20V/DIV
GND
4368 TA01b
+70V
20V/DIV
+
+50mV
–3mV
VIN
UV
OV
RETRY
SHDN
4368 TA01a
FAULT
GATE
VIN
24V
100µF
VOUT
7V TO 36V
SiR870
SiR870
GND
LTC4368-2
464k
1500k
121k
29.4k
3.3nF
1200ms COOLDOWN
AFTER FORWARD
OC FAULT
0.005
–40V TO 100V
INRUSH
CONTROL
22k
0.22µF
OV = 36V
UV = 7V
IOUT
–0.6A TO 10A
VOUT
SENSE
Document Feedback
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
255Kb / 20P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4355 LINER-LTC4355 Datasheet
291Kb / 24P
High Voltage Surge
LTC4355 LINER-LTC4355 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
OV, OC, UV, short circuit and thermal protection
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
logo
Analog Devices
LT8228 AD-LT8228 Datasheet
3Mb / 68P
Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
logo
Maxim Integrated Produc...
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com