Electronic Components Datasheet Search
  English  ▼

X  

PS312 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # PS312
Description  Ceramic Capacitive OEM High and Low Pressure Sensing Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

PS312 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  PS312 Datasheet HTML 1Page - Sensata Technologies, Inc. PS312 Datasheet HTML 2Page - Sensata Technologies, Inc. PS312 Datasheet HTML 3Page - Sensata Technologies, Inc. PS312 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| PS312
Ceramic Capacitive OEM High and Low Pressure Sensing Modules
Description
Features
• Media Resistant
• Superior Long-Term Stability & Repeatability
• High Overpressure Capability
• Shock & Vibration Resistant
The ceramic capacitive sensing technology in Kavlico®’s OEM Pressure sensing modules has been field proven for more than 30 years and has been
designed for high volume applications. Kavlico® sensors are installed worldwide in a variety of industrial and transportation applications.
These RoHS compliant modules are equipped with a robust flush mounted ceramic sensing diaphragm compatible with most industrial fluids and
gaseous media. The standard module is provided with a brass spacer as housing material and an electric connection of 3 isolated wires 0.15 mm2,
75mm long. The module facilitates easy integration and installation into final assemblies for a wide variety of applications.
With a 10-year minimum shelf life and a lifetime of millions of cycles, Kavlico®’s ruggedly designed modules are made to last.
Applications
• Industrial Pumps & Compressors
• Refrigeration
• Heating, Ventilation and Air-conditioning (HVAC)
• Steam Sterilizers, Boilers & Dryers
• Test & Monitoring Equipment
• Process Controls
• Facility Management
• Mechanical Engineering
• Filter Restriction
• Fuel Cells
• Hydraulics Systems
• Process Controls
• Level Measurement
• Water Management
• Power Generators
Pressure Ranges
0 to 0.07 bar up to 0 to 20 bar (gage)
0 to 1 up to 0 to 20 bar (absolute)
Electrical Connection
3 isolated color coded wires; 0.15 mm², appr. 75 mm long
Silicon coat: RED – VSUPPLY; GREEN – OUTPUT; BLACK – GROUND
Housing Material
Brass spacer
Output Signal
1 - 4 VDC, 0.5 - 4.5 VDC (at 0 - 100% pressure)
MAIN FEATURES


Similar Part No. - PS312

ManufacturerPart #DatasheetDescription
logo
Pulan Technology Co., L...
PS3120A PULAN-PS3120A Datasheet
734Kb / 9P
PULAN TECHNOLOGY CO., LIMITED
More results

Similar Description - PS312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
Small, Low Cost OEM Pressure Die
logo
Sensortechnics GmbH
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
OEM submersible pressure transducers
logo
Honeywell Solid State E...
ML01KPS2PC HONEYWELL-ML01KPS2PC Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
OEM Silicon Pressure Die
logo
Sensortechnics GmbH
KMA-B010GUYLN SENSORTECHNICS-KMA-B010GUYLN Datasheet
59Kb / 3P
Amplified OEM pressure sensors
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
OEM Pressure Sensors
logo
Silicon Microstructures...
SM30D SMI-SM30D Datasheet
670Kb / 6P
OEM Silicon Pressure Die
SM30G SMI-SM30G Datasheet
646Kb / 6P
OEM Silicon Pressure Die
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
OEM Silicon Pressure Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com