Electronic Components Datasheet Search
  English  ▼

X  

PR5301-TM Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR5301-TM
Description  Sensor IC for Incremental Optical Encoders for resolutions of 50, 150 or 300 lpi
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5301-TM Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR5301-TM Datasheet HTML 1Page - PREMA Semiconductor. PR5301-TM Datasheet HTML 2Page - PREMA Semiconductor. PR5301-TM Datasheet HTML 3Page - PREMA Semiconductor. PR5301-TM Datasheet HTML 4Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Encoder IC PR5301-XX
Electrical Characteristics
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
VCC (supply voltage)
-0.3
14
V
VPIN (voltage @ other pins)
-0.3
VCC+0.3
V
Operating Temperature
PR5301-BD
PR5301-TM
-40
-40
85
85
°C
°C
Storage Temperature Range
PR5301-BD
PR5301-TM
-55
-40
125
100
°C
°C
TJ (Junction Temperature)
PR5201-BD/OC
PR5201-CB/TM
-40
-40
85
85
°C
°C
Electrostatic Discharge (ESD) Protection @ all pins
4
kV
OPERATING CHARACTERISTICS
VCC = 5 V, TJ = -40...85°C (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc
Supply voltage
3
6
V
ICC
Supply current (no load)
digital outputs LO
digital outputs HI
Tj=27°C
0.4
0.4
1.5
1.5
mA
Digital outputs A, B, Z, C4, RL, Alarm
fOUT
Output frequency
A, B
300
kHz
VSat(Lo)
Saturation voltage LO
I = 1.3 mA
0.3
V
ISC(Lo)
Short-circuit current LO
V = VCC
1.8
26
mA
VSat(Hi)
Saturation voltage HI
I = 1.3 mA
Vcc-1.2
V
ISC(Hi)
Short-circuit current HI
V = 0 V
-28
-2
mA
Photosensors
λar
Spectral application range
Se( ar)=0.25*
λ
λpeak
500
950
nm
λpeak
Peak sensitivity
800
nm
Test pins are used for chip test only. Their use is not further described in this document.
© PREMA Semiconductor GmbH 2016 I rev. 4416 -- PRELIMINARY DATASHEET --
Page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com