Electronic Components Datasheet Search
  English  ▼

X  

09300160271 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09300160271
Description  Han B Base Surface HC 2 Levers 2 Entries housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09300160271 Datasheet(HTML) 1 Page - HARTING Technology Group

  09300160271 Datasheet HTML 1Page - HARTING Technology Group 09300160271 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 30 016 0271
Han B Base Surface HC 2 Levers 2 Entries
Han B Base Surface HC 2 Levers 2 Entries
Image is for illustration purposes only. Please refer to product description.
Part number
09 30 016 0271
Specification
Han B Base Surface HC 2 Levers 2
Entries
HARTING eCatalogue
https://b2b.harting.com/09300160271
Identification
Category
Hoods/Housings
Series of hoods/housings
Han® B
Type of hood/housing
Surface mounted housing
Type
High construction
Version
Locking type
Double locking lever
Han-Easy Lock®
Yes
Size
16 B
Version
Side entry
Cable entry
2x Pg 29
Field of application
Standard hoods/housings for industrial connectors
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP65
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (hood/housing)
Aluminium die-cast
Surface (hood/housing)
Powder-coated
Colour (hood/housing)
RAL 7037 (dust grey)
Page 1 / 2 | Creation date 2020-09-16 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09300160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09300160270 HARTING-09300160270 Datasheet
468Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
More results

Similar Description - 09300160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-032-0270 HARTING-09-20-032-0270 Datasheet
502Kb / 2P
Han A Base Surface HC 2 Levers 2 Entries housing
09-20-032-0271 HARTING-09-20-032-0271 Datasheet
502Kb / 2P
Han A Base Surface HC 2 Levers 2 Entries housing
09-30-010-0272 HARTING-09-30-010-0272 Datasheet
485Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries Surface mounted housing
09-30-010-1271 HARTING-09-30-010-1271 Datasheet
485Kb / 2P
Han B Base Surface LC 2 Levers 2 Entries
09-30-016-0270 HARTING-09-30-016-0270 Datasheet
468Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
09-30-024-0270 HARTING-09-30-024-0270 Datasheet
514Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
09-30-024-0271 HARTING-09-30-024-0271 Datasheet
514Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0271 HARTING-09-30-032-0271 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0272 HARTING-09-30-032-0272 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0273 HARTING-09-30-032-0273 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com