Electronic Components Datasheet Search
  English  ▼

X  

UPD16364 Datasheet(PDF) 7 Page - NEC

Part # UPD16364
Description  160-BIT HIGH-VOLTAGE CMOS DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16364 Datasheet(HTML) 7 Page - NEC

Back Button UPD16364 Datasheet HTML 3Page - NEC UPD16364 Datasheet HTML 4Page - NEC UPD16364 Datasheet HTML 5Page - NEC UPD16364 Datasheet HTML 6Page - NEC UPD16364 Datasheet HTML 7Page - NEC UPD16364 Datasheet HTML 8Page - NEC UPD16364 Datasheet HTML 9Page - NEC UPD16364 Datasheet HTML 10Page - NEC UPD16364 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet S14000EJ2V0DS
7
µµµµ PD16364
Electrical Characteristics (TA = –40 to +85°C, VDD1 = 4.5 to 5.5 V, VDD2 = 55 V, VSS1 = VSS2 = 0 V,)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VOH1
Logic, IOH1 =
−0.4 mA,
VDD1
− 0.4
V
High-Level Output Voltage
VOH2
OUT1 to OUT160, IOH2 =
−1.0 mA
VDD2
− 0.4
V
VOL1
Logic, IOL1 = 0.4 mA
0.4
V
Low-Level Output Voltage
VOL2
OUT1 to OUT160, IOL2 = 1.0 mA
0.4
V
High-Level Input Current
IIH
VI = VDD1
5.0
µA
Low-Level Input Current
IIL
VI = 0 V
−5.0
µA
High-Level Input Voltage
VIH
Logic
0.8 VDD1
V
Low-Level Input Voltage
VIL
Logic
0.2 VDD1
V
RON Variance
RVAR
OUT1 to OUT160 (in one chip
under constant Tj
Note1
)
±30
%
Logic Part Dynamic Current
Consumption
IDD1
Note2
10
mA
Driver Part Dynamic Current
Consumption
IDD2
Note2
10
mA
Standby Current
Istandby
Note3
500
µA
Notes 1. Rvar = (1
− Xn/Xavg) x 100
Xn = Impedance of OUTn, Xavg = Impedance of average
IOH2 =
−1.0 mA, IOL2 = 1.0 mA
2. fSCK = 16 MHz, fDST = 36 kHz, VIN = VDD1 or VSS1, no load
3. VIN = VDD1 or VSS1, no load
Switching Characteristics (TA = –40 to +85°C, VDD1 = 4.5 to 5.5 V, VDD2 = 55 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tPLH1
DST
↓ → EIOn↑, CL = 30 pF
70
ns
Enable Pulse Delay Time
tPHL2
Last SCK
↓ → EIOn↓, CL = 30 pF
40
ns
tPHL3
7
µs
Driver Output Delay Time
tPLH3
DST
↓ → OUT1 to OUT160,
CL = 2000 pF
7
µs
Input Capacitance
CI
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com