Electronic Components Datasheet Search
  English  ▼

X  

VSC7969W Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7969W
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969W Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7969W Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7969W Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
G52355-0, Rev 2.0
Page 7
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Typical Operating Characteristics
Electrical Eye Diagram,
Input = 8µAp-p, 3.125Gb/s, PRBS 231-1
TA = º+25C, VCC = 3.3V
Electrical Eye Diagram,
Input = 100µAp-p, 3.125Gb/s, PRBS 231-1
TA = º+25C, VCC = 3.3V
Bit Error Rate vs Input Level
IMON Characteristic,
0µA to 200µA Input
1.00E-07
1.00E-08
1.00E-09
1.00E-10
1.00E-11
1.00E-12
1.00E-13
6.0
6.5
7.0
7.5
IN (IPD) (µAp-p)
BIT ERROR RATE vs INPUT LEVEL
8.0
8.5
250
200
150
100
50
0
0
50
100
IN (DC Current) (
µA)
IMON CHARACTERISTIC
0
µA to 200µA Input
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com