Electronic Components Datasheet Search
  English  ▼

X  

8114530 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8114530
Description  Fluidic muscle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8114530 Datasheet(HTML) 1 Page - Festo Corporation.

  8114530 Datasheet HTML 1Page - Festo Corporation. 8114530 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fluidic muscle
DMSP-40-120N-RM-CM
Part number: 8114530
Data sheet
Feature
Value
Size
40
40
Diameter expansion at max. contraction
80 mm
Stroke
0 mm ... 2250 mm
Max. contraction
25 % of nominal length
Max. pre-tensioning
5 % of nominal length
5 % of nominal length
Nominal length
120 mm
Muscle repetition accuracy
<= 1 % of nominal length, cyclic
Permissible parallelism tolerance
±0.5 % up to a nominal length of 400 mm
±0.5 % up to a nominal length of 400 mm
Permissible angle tolerance
&le;1 deg
Type code
DMSP
DMSP
Mounting position
Any
Any
Design
Contracting diaphragm
Contracting diaphragm
Symbol
00991121
00991121
Operating pressure
0 bar ... 6 bar
Mode of operation
Single-acting
Pulling
Single-acting
Pulling
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
2 - Moderate corrosion stress
Ambient temperature
-5 °C ... 60 °C
Certification
German Technical Control Board (TÜV)
German Technical Control Board (TÜV)
Maximum additional load freely suspended
250 kg
Theoretical force Fluidic Muscle at maximum operating pressure
6000 N
Theoretical force at 6 bar
6000 N
Pneumatic connection
G3/8
G3/8
12/9/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8114530

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8114532 FESTO-8114532 Datasheet
82Kb / 2P
Fluidic muscle
8114534 FESTO-8114534 Datasheet
80Kb / 2P
Fluidic muscle
8114536 FESTO-8114536 Datasheet
82Kb / 2P
Fluidic muscle
More results

Similar Description - 8114530

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DMSP-5-50N-RM-CM FESTO-DMSP-5-50N-RM-CM Datasheet
82Kb / 2P
Fluidic muscle
DMSP-10-80N-RM-CM FESTO-DMSP-10-80N-RM-CM Datasheet
82Kb / 2P
Fluidic muscle
DMSP-20-100N-RM-CM FESTO-DMSP-20-100N-RM-CM Datasheet
80Kb / 2P
Fluidic muscle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com