Electronic Components Datasheet Search
  English  ▼

X  

1767096 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1767096
Description  GIC 2,5/11-ST-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1767096 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1767096 Datasheet HTML 1Page - PHOENIX CONTACT 1767096 Datasheet HTML 2Page - PHOENIX CONTACT 1767096 Datasheet HTML 3Page - PHOENIX CONTACT 1767096 Datasheet HTML 4Page - PHOENIX CONTACT 1767096 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GIC 2,5/11-ST-7,62
Order No.: 1828896
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1828896
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 11, Pitch: 7.62 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
050788
sales group
E133
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 270 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
76.2 mm
Number of positions
11
Screw thread
M3


Similar Part No. - 1767096

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767012 PHOENIX-1767012 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
1767021 PHOENIX-1767021 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-GF-5,08 GY7038
1767025 PHOENIX-1767025 Datasheet
138Kb / 6P
GMSTB 2,5/ 4-ST-7,62
1767038 PHOENIX-1767038 Datasheet
333Kb / 13P
GMSTBA 2,5/ 5-G-7,62
1767038 PHOENIX-1767038 Datasheet
196Kb / 6P
GMSTB 2,5/ 5-ST-7,62
More results

Similar Description - 1767096

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828825 PHOENIX-1828825 Datasheet
99Kb / 7P
Printed-circuit board connector - GIC 2,5/ 4-ST-7,62
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/11-G-7,62
1828906 PHOENIX-1828906 Datasheet
76Kb / 5P
Printed-circuit board connector - GIC 2,5/12-ST-7,62
1828867 PHOENIX-1828867 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-ST-7,62
1745632 PHOENIX-1745632 Datasheet
124Kb / 8P
Plug - GIC 2,5 HCV/ 3-ST-7,62
09/12/2020
1745629 PHOENIX-1745629 Datasheet
595Kb / 13P
PCB connector - GIC 2,5 HCV/ 2-ST-7,62
1745645 PHOENIX-1745645 Datasheet
591Kb / 13P
GIC 2,5 HCV/ 4-ST-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1745674 PHOENIX-1745674 Datasheet
587Kb / 13P
GIC 2,5 HCV/ 7-ST-7,62 - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com