Electronic Components Datasheet Search
  English  ▼

X  

EB-80-45 Datasheet(PDF) 1 Page - Festo Corporation.

Part # EB-80-45
Description  Bellow cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EB-80-45 Datasheet(HTML) 1 Page - Festo Corporation.

  EB-80-45 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bellow cylinder
EB-80-45
Part number: 2748904
Data sheet
Feature
Value
Size
80
80
Required installation Ø
95 mm
Stroke
45 mm
Max. height, advanced
110 mm
Max. angle of inclination
15 deg
Max. offset
10 mm
Min. installation height
65 mm
Type code
EB
EB
Mode of operation
Single-acting
Single-acting
Symbol
00991205
00991205
Operating pressure
0 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:4]
Compressed air as per ISO 8573-1:2010 [-:-:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-40 °C ... 70 °C
Resetting force
200 N
Product weight
500 g
Type of mounting
With internal thread
With internal thread
Pneumatic connection
G1/4
G1/4
Note on materials
RoHS-compliant
Free of copper and PTFE
Free of copper and PTFE
RoHS-compliant
Bellows material
CR
Housing material
Cast aluminum
Cast aluminum
12/9/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - EB-80-45

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EB-80-20 FESTO-EB-80-20 Datasheet
92Kb / 1P
Bellow cylinder
More results

Similar Description - EB-80-45

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EB-80-20 FESTO-EB-80-20 Datasheet
92Kb / 1P
Bellow cylinder
EB-145-60 FESTO-EB-145-60 Datasheet
108Kb / 1P
Bellow cylinder
EB-145-100 FESTO-EB-145-100 Datasheet
90Kb / 1P
Bellow cylinder
EB-165-125 FESTO-EB-165-125 Datasheet
103Kb / 1P
Bellow cylinder
EB-215-155 FESTO-EB-215-155 Datasheet
102Kb / 1P
Bellow cylinder
EB-250-85 FESTO-EB-250-85 Datasheet
108Kb / 1P
Bellow cylinder
EB-325-95 FESTO-EB-325-95 Datasheet
107Kb / 1P
Bellow cylinder
EB-325-215 FESTO-EB-325-215 Datasheet
102Kb / 1P
Bellow cylinder
EB-385-115 FESTO-EB-385-115 Datasheet
108Kb / 1P
Bellow cylinder
EB-385-230 FESTO-EB-385-230 Datasheet
103Kb / 1P
Bellow cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com