Electronic Components Datasheet Search
  English  ▼

X  

SCE120SA2DP2B Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCE120SA2DP2B
Description  Supply voltage shall employ Transient Voltage Surge Suppression.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCE120SA2DP2B Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE120SA2DP2B Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Fast Double Pulse @ 2 PPS
Specifications:
SCE120SA2DP2B
B
Mallory Sonalert Products,Inc.
Sales Outline Drawing
2000 ± 500 Hz
Soft
48 to 120 VAC
Weight (Typical)
Voltage Rating
6/6 Nylon, Color: Black
Frequency
Loudness @ 2 FT
Current Draw
Sound Level Category
Mode of Operation
cUL Recognized
Dimensions:
Housing Material
Storage Temperature
65 to 75 dB(A) Typ.
40mA MAX
-40° to +85° C
cUL Recognition
Supply voltage shall employ Transient Voltage Surge Suppression.
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut
-40° to +85° C
Operating Temperature
Panel Mounting
NEMA 3R,4X, & 12
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Approved with use of ACC03.
Please contact factory.
Options
Inches (mm)
T
®
R
S o l u t i o n s
L E
A
N
O
M a d e i n U . S . A .
S


Similar Part No. - SCE120SA2DP2B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE120SA2DP3B MSPI-SCE120SA2DP3B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
More results

Similar Description - SCE120SA2DP2B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE048XD2MP1B MSPI-SCE048XD2MP1B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE048XD3MG5B MSPI-SCE048XD3MG5B Datasheet
59Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE048XD3MP1B MSPI-SCE048XD3MP1B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120LA3MP1B MSPI-SCE120LA3MP1B Datasheet
39Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120MA2MP1B MSPI-SCE120MA2MP1B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120MA3CM1B MSPI-SCE120MA3CM1B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120MA3DP3S MSPI-SCE120MA3DP3S Datasheet
42Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression
SCE120MA3DT7B MSPI-SCE120MA3DT7B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120MA3ED5B MSPI-SCE120MA3ED5B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE120MA3FP1B MSPI-SCE120MA3FP1B Datasheet
55Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com