Electronic Components Datasheet Search
  English  ▼

X  

555451 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 555451
Description  Rotary indexing table
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

555451 Datasheet(HTML) 1 Page - Festo Corporation.

  555451 Datasheet HTML 1Page - Festo Corporation. 555451 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary indexing table
DHTG-220-3-A
Part number: 555451
Data sheet
Feature
Value
Size
220
220
Parallelism of plate
≤0.04 mm
Axial eccentricity of plate
≤0.02 mm
Plate concentricity
≤0.02 mm
Repetition accuracy of swivel angle
≤0.03 deg
Type code
DHTG
DHTG
Cushioning
Pneumatic shock absorber, hard characteristic curve, adjustable
Pneumatic shock absorber, hard characteristic curve, adjustable
Mounting position
Any
Any
Mode of operation
Double-acting
Design
Gear coupling
Positively driven motion sequence
Gear rack/pinion
Gear coupling
Gear rack/pinion
Positively driven motion sequence
Symbol
00992251
Position sensing
For inductive proximity sensors
For inductive proximity sensors
Spacing
3
Operating pressure
4 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
2 - Moderate corrosion stress
Noise level
≤70 dB(A)
Ambient temperature
5 °C ... 60 °C
Max. axial force static
5000 N
Max. pull-out torque static
500 Nm
Max. radial force static
8000 N
Max. tangential torque static
500 Nm
12/9/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 555451

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5554517-1 ETC2-5554517-1 Datasheet
1Mb / 6P
Quick Reference Guide
More results

Similar Description - 555451

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DHTG-65-2-A FESTO-DHTG-65-2-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-65-6-A FESTO-DHTG-65-6-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-65-24-A FESTO-DHTG-65-24-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-90-2-A FESTO-DHTG-90-2-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-90-6-A FESTO-DHTG-90-6-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-90-24-A FESTO-DHTG-90-24-A Datasheet
120Kb / 2P
Rotary indexing table
DHTG-140-6-A FESTO-DHTG-140-6-A Datasheet
120Kb / 2P
Rotary indexing table
DHTG-140-24-A FESTO-DHTG-140-24-A Datasheet
119Kb / 2P
Rotary indexing table
DHTG-220-6-A FESTO-DHTG-220-6-A Datasheet
115Kb / 2P
Rotary indexing table
DHTG-220-8-A FESTO-DHTG-220-8-A Datasheet
116Kb / 2P
Rotary indexing table
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com