Electronic Components Datasheet Search
  English  ▼

X  

E2 Datasheet(PDF) 4 Page - Moxa Inc.

Part # E2
Description  10/100 Mbps embedded serial device servers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

E2 Datasheet(HTML) 4 Page - Moxa Inc.

  E2 Datasheet HTML 1Page - Moxa Inc. E2 Datasheet HTML 2Page - Moxa Inc. E2 Datasheet HTML 3Page - Moxa Inc. E2 Datasheet HTML 4Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.moxa.com
4
Power Supply
1 x power adapter, universal (-ST/-SDK models)
1 x power cord, EU type (-ST/-SDK models)
1 x power cord, US type (-ST/-SDK models)
Documentation
1 x document and software CD (-ST/-SDK models)
1 x quick installation guide (-ST/-SDK models)
1 x warranty card (-ST/-SDK models)
Dimensions
Ordering Information
Model Name
No. of Serial
Ports
Supported Baudrates
Operating Temp.
With Evaluation Board
With Software
Development Kit
MiiNePort E2
1
50 bps to 230.4 kbps
0 to 55°C
–
–
MiiNePort E2-H
1
50 bps to 921.6 kbps
0 to 55°C
–
–
MiiNePort E2-T
1
50 bps to 230.4 kbps
-40 to 85°C
–
–
MiiNePort E2-H-T
1
50 bps to 921.6 kbps
-40 to 85°C
–
–
MiiNePort E2-ST
1
50 bps to 230.4 kbps
0 to 55°C
✓
–
MiiNePort E2-H-ST
1
50 bps to 921.6 kbps
0 to 55°C
✓
–
MiiNePort E2-SDK
1
50 bps to 921.6 kbps
0 to 55°C
✓
✓
© Moxa Inc. All rights reserved. Updated Apr 27, 2020.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com