Electronic Components Datasheet Search
  English  ▼

X  

UAA2016P Datasheet(PDF) 5 Page - ON Semiconductor

Part # UAA2016P
Description  ZERO VOLTAGE SWITCH POWER CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UAA2016P Datasheet(HTML) 5 Page - ON Semiconductor

  UAA2016P Datasheet HTML 1Page - ON Semiconductor UAA2016P Datasheet HTML 2Page - ON Semiconductor UAA2016P Datasheet HTML 3Page - ON Semiconductor UAA2016P Datasheet HTML 4Page - ON Semiconductor UAA2016P Datasheet HTML 5Page - ON Semiconductor UAA2016P Datasheet HTML 6Page - ON Semiconductor UAA2016P Datasheet HTML 7Page - ON Semiconductor UAA2016P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UAA2016
5
MOTOROLA ANALOG IC DEVICE DATA
CIRCUIT FUNCTIONAL DESCRIPTION
Power Supply (Pin 5 and Pin 7)
The application uses a current source supplied by a single
high voltage rectifier in series with a power dropping resistor.
An integrated shunt regulator delivers a VEE voltage of
– 8.6 V with respect to Pin 7. The current used by the total
regulating system can be shared in four functional blocks: IC
supply, sensing bridge, triac gate firing pulses and zener
current. The integrated zener, as in any shunt regulator,
absorbs the excess supply current. The 50 Hz pulsed supply
current is smoothed by the large value capacitor connected
between Pins 5 and 7.
Temperature Sensing (Pin 3)
The actual temperature is sensed by a negative
temperature coefficient element connected in a resistor
divider fashion. This two element network is connected
between the ground terminal Pin 5 and the reference voltage
– 5.5 V available on Pin 1. The resulting voltage, a function of
the measured temperature, is applied to Pin 3 and internally
compared to a control voltage whose value depends on
several elements: Sawtooth, Temperature Reduction and
Hysteresis Adjust. (Refer to Application Information.)
Temperature Reduction
For energy saving, a remotely programmable temperature
reduction is available on Pin 4. The choice of resistor R1
connected between Pin 4 and VCC sets the temperature
reduction level.
Comparator
When the positive input (Pin 3) receives a voltage greater
than the internal reference value, the comparator allows the
triggering logic to deliver pulses to the triac gate. To improve
the noise immunity, the comparator has an adjustable
hysteresis. The external resistor R3 connected to Pin 2 sets
the hysteresis level. Setting Pin 2 open makes a 10 mV
hysteresis level, corresponding to 0.15
°C. Maximum
hysteresis is obtained by connecting Pin 2 to VCC. In that
case the level is set at 5
°C. This configuration can be useful
for low temperature inertia systems.
Sawtooth Generator
In order to comply with European norms, the ON/OFF
period on the load must exceed 30 seconds. This is achieved
by an internal digital sawtooth which performs the
proportional regulation without any additional component.
The sawtooth signal is added to the reference applied to the
comparator negative input. Figure 2 shows the regulation
improvement using the proportional band action.
Noise Immunity
The noisy environment requires good immunity. Both the
voltage reference and the comparator hysteresis minimize
the noise effect on the comparator input. In addition the
effective triac triggering is enabled every 1/3 sec.
Failsafe
Output pulses are inhibited by the “failsafe” circuit if the
comparator input voltage exceeds the specified threshold
voltage. This would occur if the temperature sensor circuit is
open.
Sampling Full Wave Logic
Two consecutive zero–crossing trigger pulses are
generated at every positive mains half–cycle. This ensures
that the number of delivered pulses is even in every case.
The pulse length is selectable by Rsync connected on Pin 8.
The pulse is centered on the zero–crossing mains waveform.
Pulse Amplifier
The pulse amplifier circuit sinks current pulses from Pin 6
to VEE. The minimum amplitude is 70 mA. The triac is then
triggered in quadrants II and III. The effective output current
amplitude is given by the external resistor Rout. Eventually,
an LED can be inserted in series with the Triac gate (see
Figure 1).
TA = – 20°C
TA = 0°C
140
80
200
Figure 4. Output Resistor versus
Triac Gate Current
IGT, TRIAC GATE CURRENT SPECIFIED AT 25°C (mA)
20
60
160
180
40
50
40
30
60
120
100
Figure 5. Minimum Output Current
versus Output Resistor
TA = – 20°C
TA = + 85°C
200
180
160
140
120
100
80
60
40
100
Rout, OUTPUT RESISTOR (Ω)
0
20
40
60
80
TA = +10°C
TA = –10°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com